Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF41FI Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF41FI
Description  SUBMINIATURE POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF41FI Datasheet(HTML) 1 Page - Hongfa Technology

  HF41FI Datasheet HTML 1Page - Hongfa Technology HF41FI Datasheet HTML 2Page - Hongfa Technology HF41FI Datasheet HTML 3Page - Hongfa Technology HF41FI Datasheet HTML 4Page - Hongfa Technology HF41FI Datasheet HTML 5Page - Hongfa Technology HF41FI Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
pn
+21*~y 5}/y<
,62vmmni ,62l76nsvqv i ,62nqmmni 2+6y6nummni ,}{44{ mummmm {}57,~,}|
omnr 5BSk nknn
nyi n{
8NJZ[XNY
r9|{ QL oq9|{w yMMOLUk ntmJ:
qu9|{i sm9|{w yMMOLUk onmJ:
{LFI MLTBO
5?;<
|OLMjLRQ
9LIQ>DB
9|{
JFKk
{LKQ>@Q OBPFPQ>K@B
{LKQ>@Q J>QBOF>I
0>Uk PTFQ@EFKD MLTBO
nmmJ J>Uk e>Q ny s9|{f
*LIA MI>QBAwpmJ J>Uke>Q ny s9|{f
yD6K2oiyD1F
nrmm9y l num:
n U nmt236
{LKQ>@Q O>QFKD
e5BPk IL>Af
0>Uk PTFQ@EFKD SLIQ>DB
0>Uk PTFQ@EFKD @ROOBKQ
sy orm9y{lpm9|{
qmm9y{ l nor9|{
sy
>VZNY2 nf :EBK OBNRFOB MF@HjRM SLIQ>DB^tmb KLJFK>I SLIQ>DBi PMB@F>I
LOABO >IILTBA k
~FIB 1Lkw }nppqun
~FIB 1Lkw qmmommqp
~FIB 1Lkw {4{mvmmomprmto
|FBIB@QOF@
PQOBKDQE
zBQTBBK @LFI c @LKQ>@QP
zBQTBBK LMBK @LKQ>@QP
of 0>UFJRJ SLIQ>DB OBCBOP QL QEB J>UFJRJ SLIQ>DB TEF@E OBI>V
@LFI @LRIA BKAROB FK > PELOQ MBOFLA LC QFJBk
pf ~LO MOLAR@QP TFQE O>QBA SLIQ>DB _ qu9i JB>PROBP PELRIA ?B
Q>HBK QL MOBSBKQ @LFI LSBOSLIQ>DB FK LOABO QL MOLQB@Q @LFI FK QBPQ
>KA >MMIF@>QFLK eBDk{LKKB@Q AFLABP FK M>O>IIBIfk
:80/8
BD4=;>;3CDA7 @?F7A A7<3H
5?;< 63C3
{LFI
5BPFPQ>K@B
1LJFK>I
9LIQ>DB
9|{
3F@HjRM
9LIQ>DB
9|{
J>Uk
r
s
v
mkor
mkpm
mkqr
pktr
qkrm
sktr
no
nu
oq
vkmm
npkr
nukm
mksm
mkvm
nkom
tkr
vkm
npkr
nu
ps
ot
{LKQ>@Q >OO>KDBJBKQ
nqt U en nmbf
ono U en nmbf
qts U en nmbf
uqu U en nmbf
nvms U en nrbf
ppvm U en nrbf
qu
pskm
okqm
to
nmsmm U en nrbf
sm
qrkm
pkmm
vm
nssmm U en nrbf
0>Uk
9LIQ>DB
9|{
>Q op
B387CH 3@@A?E3< A3C;>9B
D<.5D<
E67
5?>C35C 63C3
5:3A35C7A;BC;5B
,KPRI>QFLK OBPFPQ>K@B
2MBO>QB QFJB e>Q KLJFkSLIQkf
5BIB>PB QFJB e>Q KLJFkSLIQkf
yJ?FBKQ QBJMBO>QROB
+RJFAFQV
9F?O>QFLK OBPFPQ>K@Bnf
7BOJFK>QFLK
8KFQ TBFDEQ
{LKPQOR@QFLK
nmmm0 e>Q rmm9|{f
qmmm9y{ n JFK
uJP J>Uk
qJP J>Uk
jqm
QL ur
rb QL urb 5+
nm+W QL rr+W nJJ |y
3{z
yMMOLUkrD
3I>PQF@ PB>IBAi
~IRU MOLLCBA
nmmm9y{ n JFK
6EL@H OBPFPQ>K@Bnf
~RK@QFLK>I
|BPQOR@QFSB
qvJlPo
vumJlPo
0B@E>KF@>I BKARO>K@B
}IB@QOF@>I BKARO>K@B
E
67
a 6IFJ PFWB eTFAQE rJJf
a +FDE ?OB>HALTJ SLIQ>DB qH9 e?BQTBBK @LFI >KA @LKQ>@QPf
a 6RODB SLIQ>DB RM QL sH9 e?BQTBBK @LFI >KA @LKQ>@QPf
a 0BBQFKD 9|} mtmmi mspn OBFKCLO@B FKPRI>QFLK
a +FDE PBKPFQFSBwyMMOLUkntmJ:
a 6L@HBQP >S>FI>?IB
a n~LOJ y >KA n~LOJ { @LKCFDRO>QFLKP
a }KSFOLKJBKQ>I COFBKAIV MOLAR@Q e5L+6 @LJMIF>KQf
a 2RQIFKB |FJBKPFLKPw eoukm U rkm U nrkmf JJ
>VZNY2 nf yII S>IRBP RKPMB@FCFBA >OB >Q OLLJ QBJMBO>QROBk
of 2KIV QVMF@>I IL>AP >OB IFPQBA >?LSBk 2QEBO IL>A PMB@FCF@>QFLKP
@>K ?B >S>FI>?IB RMLK OBNRBPQk
+ QVMBws U nmq236 esy orm9y{lpm9|{i
5BPFPQFSB IL>AiyD1Fi >Q urL{i nPLK vPLCCf
= QVMBwp U nmq236 e12i sy orm9y{lpm9|{i
5BPFPQFSB IL>AiyD1Fi >Q urL{i nPLK vPLCCf
n U nmq236e1{i sy orm9y{lpm9|{i
5BPFPQFSB IL>AiyD1Fi >Q urL{i nPLK vPLCCf
sy pm9|{ >Q urL{
sy ott9y{ >Q urL{
5pmm
zpmm
sy pm9|{ >Q urL{
sy orm9y{ >Q urL{
pf
pf
of
nf ,KABU FP QE>Q LC OBI>V TFQELRQ PL@HBQk
of 7EB A>Q> PELTK >?LSB >OB FKFQF>I S>IRBPk
pf 3IB>PB CFKA @LFI QBJMBO>QROB @ROSB FK QEB @E>O>@QBOFPQF@ @ROSBP ?BILTk
qf 3IB>PB AL KLQ FKPQ>II > 63|7en ~LOJ {f QVMB OBI>V LK BFQEBO
LC QEB PJ>IIBPQ PFABP LO C>@FKD ALTKT>OAk
rf 8/ FKPRI>QFLK PVPQBJw{I>PP yk
>VZNY2


Similar Part No. - HF41FI

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF41F HONGFA-HF41F Datasheet
78Kb / 3P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F/005-H8GXXX HONGFA-HF41F/005-H8GXXX Datasheet
78Kb / 3P
   SUBMINIATURE POWER RELAY
HF41F/005-H8SGXXX HONGFA-HF41F/005-H8SGXXX Datasheet
78Kb / 3P
   SUBMINIATURE POWER RELAY
HF41F/005-H8STGXXX HONGFA-HF41F/005-H8STGXXX Datasheet
78Kb / 3P
   SUBMINIATURE POWER RELAY
More results

Similar Description - HF41FI

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
88Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ951 ETC-AZ951 Datasheet
99Kb / 3P
   SUBMINIATURE POWER RELAY
HF8 ETC1-HF8 Datasheet
98Kb / 2P
   SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ951 AZETTLER-AZ951 Datasheet
128Kb / 3P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ954 ETC-AZ954 Datasheet
51Kb / 2P
   SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ954 ZETTLER-AZ954 Datasheet
47Kb / 2P
   SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com