Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5576 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5576
Description  LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5576 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5576_15 Datasheet HTML 2Page - Texas Instruments LM5576_15 Datasheet HTML 3Page - Texas Instruments LM5576_15 Datasheet HTML 4Page - Texas Instruments LM5576_15 Datasheet HTML 5Page - Texas Instruments LM5576_15 Datasheet HTML 6Page - Texas Instruments LM5576_15 Datasheet HTML 7Page - Texas Instruments LM5576_15 Datasheet HTML 8Page - Texas Instruments LM5576_15 Datasheet HTML 9Page - Texas Instruments LM5576_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LM5576, LM5576-Q1
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C, VIN = 48 V, RT = 32.4kΩ. Minimum and maximum limits apply over –40°C to 125°C
junction temperature range unless otherwise stated.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cycle by Cycle Current Limit (Q1)
RAMP = 0 V
3.6
4.2
5.1
A
Cycle by Cycle Current Limit Delay
RAMP = 2.5 V
100
ns
SOFT-START
SS Current Source
7
10
14
µA
OSCILLATOR
Frequency1
180
200
220
kHz
Frequency2
RT = 11kΩ
425
485
545
kHz
SYNC Source Impedance
11
k
SYNC Sink Impedance
110
SYNC Threshold (falling)
1.3
V
SYNC Frequency
RT = 11kΩ
550
kHz
SYNC Pulse Width Minimum
15
ns
RAMP GENERATOR
Ramp Current 1
VIN = 60 V, VOUT=10 V
235
275
315
µA
Ramp Current 2
VIN = 10 V, VOUT=10 V
18
25
32
µA
PWM COMPARATOR
Forced Off-time (Q0)
390
500
590
ns
Forced Off-time (Q1)
416
500
575
ns
Min On-time
80
ns
COMP to PWM Comparator Offset
0.7
V
ERROR AMPLIFIER
Feedback Voltage (Q0)
Vfb = COMP
1.207
1.225
1.243
V
Feedback Voltage (Q1)
Vfb = COMP
1.207
1.225
1.243
V
FB Bias Current
17
nA
DC Gain
70
dB
COMP Sink / Source Current
3
mA
Unity Gain Bandwidth
3
MHz
DIODE SENSE RESISTANCE
DSENSE
42
m
THERMAL SHUTDOWN
Tsd
Thermal Shutdown Threshold (Q0)
180
°C
Tsd
Thermal Shutdown Threshold (Q1)
165
°C
Thermal Shutdown Hysteresis
25
°C
6
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LM5576 LM5576-Q1


Similar Part No. - LM5576_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
More results

Similar Description - LM5576_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
[Old version datasheet]   LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5574MT TI-LM5574MT Datasheet
881Kb / 28P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com