Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N60G-AB3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 1N60G-AB3-R
Description  N-CHANNEL ENHANCEMENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60G-AB3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  1N60G-AB3-R Datasheet HTML 1Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 2Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 3Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 4Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 5Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 6Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1N60-KW
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R205-054.D
TEST CIRCUITS AND WAVEFORMS (Cont.)
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 1N60G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60G-AA3-R UTC-1N60G-AA3-R Datasheet
282Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N60G-AA3-R UTC-1N60G-AA3-R Datasheet
361Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 1N60G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFF230 SEME-LAB-IRFF230 Datasheet
42Kb / 2P
   N-CHANNEL ENHANCEMENT
logo
Unisonic Technologies
2N70K-MT UTC-2N70K-MT Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT
UT6898 UTC-UT6898_15 Datasheet
214Kb / 5P
   N-CHANNEL ENHANCEMENT
logo
Transys Electronics
2N7000 TRSYS-2N7000 Datasheet
288Kb / 3P
   N-CHANNEL-ENHANCEMENT
logo
Calogic, LLC
3N170 CALOGIC-3N170_15 Datasheet
35Kb / 2P
   N-Channel Enhancement
logo
Unisonic Technologies
1N40A UTC-1N40A Datasheet
183Kb / 5P
   N-CHANNEL ENHANCEMENT
logo
List of Unclassifed Man...
FTP14N50C ETC1-FTP14N50C Datasheet
54Kb / 6P
   N-Channel Enhancement
logo
Transys Electronics
2N7002LT1 TRSYS-2N7002LT1 Datasheet
343Kb / 4P
   N-CHANNEL ENHANCEMENT
logo
Yea Shin Technology Co....
2N7002E YEASHIN-2N7002E Datasheet
999Kb / 4P
   N-CHANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
2N4351 NJSEMI-2N4351 Datasheet
142Kb / 1P
   N-CHANNEL ENHANCEMENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com