Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF7476G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF7476G-S08-R
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF7476G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UF7476G-S08-R Datasheet HTML 1Page - Unisonic Technologies UF7476G-S08-R Datasheet HTML 2Page - Unisonic Technologies UF7476G-S08-R Datasheet HTML 3Page - Unisonic Technologies UF7476G-S08-R Datasheet HTML 4Page - Unisonic Technologies UF7476G-S08-R Datasheet HTML 5Page - Unisonic Technologies UF7476G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UF7476
Preliminary
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-A70.b
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body Diode Continuous
Source Current
IS
MOSFET symbol showing the
integral reverse p-n junction
diode.
2.5
A
Maximum Body Diode Pulsed Current
(Note 1)
ISM
120
A
Drain-Source Diode Forward Voltage
(Note)
VSD
TJ=25°C, IS=12A, VGS=0V
0.87
1.2
V
TJ=125°C, IS=12A, VGS=0V
0.73
V
Body Diode Reverse Recovery Time
tRR
TJ=25°C, IF=12A, VR=12V,
di/dt=100A/µs (Note)
55
82
ns
Body Diode Reverse Recovery Charge
QRR
59
89
nC
Body Diode Reverse Recovery Time
tRR
TJ=125°C, IF=12A, VR=12V,
di/dt=100A/µs (Note)
54
81
ns
Body Diode Reverse Recovery Charge
QRR
60
90
nC
Notes: Pulse width ≤ 300µs, Duty cycle ≤ 2%


Similar Part No. - UF7476G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
UF740 UTC-UF740 Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
UF740-E UTC-UF740-E Datasheet
343Kb / 6P
   N-CHANNEL FAST SWITCHING MOSFET
UF740-TA3-T UTC-UF740-TA3-T Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
UF740-TF3-T UTC-UF740-TF3-T Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
More results

Similar Description - UF7476G-S08-R

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com