Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT30NP30 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT30NP30
Description  DUAL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30NP30 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT30NP30 Datasheet HTML 1Page - Unisonic Technologies UTT30NP30 Datasheet HTML 2Page - Unisonic Technologies UTT30NP30 Datasheet HTML 3Page - Unisonic Technologies UTT30NP30 Datasheet HTML 4Page - Unisonic Technologies UTT30NP30 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT30NP30
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A40.b
DUAL POWER MOSFET
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UTC UTT30NP30 is a dual power MOSFET. it uses UTC’s
advanced technology to provide customers with a minimum on-state
resistance, low capacitance and low gate charge, etc.
The UTC UTT30NP30 is suitable for CPU Power Delivery and
DC−DC Converters, etc.
FEATURES
* N-Channel: 30A, 20V
RDS(on)<15mΩ @VGS=10V, ID=30A
RDS(on)<18mΩ @VGS=4.5V, ID=30A
P-Channel: -30A, -25V
RDS(on)<25mΩ @VGS= -10V, ID= -30A
RDS(on)<24mΩ @VGS= -4.5V, ID= -30A
* Low capacitance
SYMBOL
TO-252-4
1
ORDERING INFORMATION
Note: Pin Assignment: G: Gate
D: Drain
S: Source
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
UTT30NP30L-TN4-R
UTT30NP30G-TN4-R
TO-252-4
S1
G1
D
S2
G2
Tape Reel


Similar Part No. - UTT30NP30

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N05 UTC-UTT30N05 Datasheet
135Kb / 3P
   30A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT30N05G-TN3-R UTC-UTT30N05G-TN3-R Datasheet
135Kb / 3P
   30A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT30N05L-TN3-R UTC-UTT30N05L-TN3-R Datasheet
135Kb / 3P
   30A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT30N06 UTC-UTT30N06 Datasheet
302Kb / 8P
   30A, 60V N-CHANNEL POWER MOSFET
UTT30N06G-TA3-T UTC-UTT30N06G-TA3-T Datasheet
302Kb / 8P
   30A, 60V N-CHANNEL POWER MOSFET
More results

Similar Description - UTT30NP30

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VMM1500-0075P IXYS-VMM1500-0075P Datasheet
46Kb / 2P
   Dual Power MOSFET Module
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
   Dual Power MOSFET Driver
logo
ON Semiconductor
FW389 ONSEMI-FW389 Datasheet
738Kb / 8P
   Complementary Dual Power MOSFET
February, 2014
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626_14 Datasheet
924Kb / 5P
   Dual Power MOSFET Drivers.
Rev 1; 8/96
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
IXYS Corporation
VMM1500-0075X2 IXYS-VMM1500-0075X2 Datasheet
238Kb / 5P
   Dual Power MOSFET Module
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
IXYS Corporation
VMK165-007T IXYS-VMK165-007T Datasheet
84Kb / 2P
   Dual Power MOSFET Module
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626 Datasheet
170Kb / 4P
   Dual Power MOSFET Drivers
Rev 1; 8/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com