Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0876391100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0876391100
Description  1.27mm Pitch DDR DIMM Socket, Reverse Footprint, 25 Angle, Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0876391100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0876391100 Datasheet HTML 1Page - Molex Electronics Ltd. 0876391100 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reference - Drawing Numbers
Product Specification
PS-87639-002
Sales Drawing
SD-87639-001
This document was generated on 08/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0876391100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876391100 MOLEX9-0876391100 Datasheet
347Kb / 7P
   1.27mm (.050") Pitch DDR DIMM Socket, Reverse Footprint, 25째 Angle, Low Profile, Single Key, with Beveled Metal Pins and Plastic Pegs, 2.79mm (.110") Tail Length
More results

Similar Description - 0876391100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876391110 MOLEX11-0876391110 Datasheet
30Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Reverse Footprint, 25 Angle, Low Profile
0876391010 MOLEX11-0876391010 Datasheet
30Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Reverse Footprint, 25 Angle, Low Profile
0876391001 MOLEX11-0876391001 Datasheet
30Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Reverse Footprint, 25 Angle,
0876391011 MOLEX11-0876391011 Datasheet
30Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Reverse Footprint
0876232001 MOLEX11-0876232001 Datasheet
28Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Low Profile (25), Single Key
0876232113 MOLEX11-0876232113 Datasheet
38Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Low Profile (25), Single Key
0876232012 MOLEX11-0876232012 Datasheet
28Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Low Profile (25), Single Key
0876232101 MOLEX11-0876232101 Datasheet
28Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Low Profile (25), Single Key
0876232111 MOLEX11-0876232111 Datasheet
28Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Low Profile (25), Single Key,
0876232115 MOLEX11-0876232115 Datasheet
27Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Low Profile (25), Single Key
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com