Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTPA7100LB1A0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NTPA7100LB1A0
Description  most suitable for power supplies of less than 100w
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTPA7100LB1A0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NTPA7100LB1A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTPA7100LB1A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTPA7100LB1A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
NTPA7100LB1A0
< List of part numbers with package codes >
NTPA7100LB1A0
Appearance & Shape
Applications
Other Usage
Switching power supplies, CRT monitors, Color televisions, VCR-
Power supplies, Other power circuits
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
A0
Ammo Pack
1000
Features
1.Lead is not contained in the ceramic element, the terminations, the solder for inner connection and the coating resin.
2.Most suitable for power supplies of less than 100W
3.Excellent recovery characteristics due to resin coating with excellent heat characteristics
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/10


Similar Part No. - NTPA7100LB1A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTPA7100LB1A0 MURATA1-NTPA7100LB1A0 Datasheet
322Kb / 3P
   NTC for Inrush Current Suppression
12/01/2022
NTPA7100LB1A0 MURATA1-NTPA7100LB1A0_V01 Datasheet
322Kb / 3P
   NTC for Inrush Current Suppression
12/01/2022
NTPA7100LB1A0 MURATA1-NTPA7100LB1A0_V02 Datasheet
366Kb / 3P
   Temperature Sensors
01/31/2024
More results

Similar Description - NTPA7100LB1A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTPA78R0LB1A0 MURATA-NTPA78R0LB1A0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA7220LB1A0 MURATA-NTPA7220LB1A0 Datasheet
195Kb / 3P
   most suitable for power supplies of less than 100w
NTPA55R0LB1A0 MURATA-NTPA55R0LB1A0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100w
NTPA55R0LBMB0 MURATA-NTPA55R0LBMB0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100w
NTPA64R0LB1A0 MURATA-NTPA64R0LB1A0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100w
NTPA75R0LB1A0 MURATA-NTPA75R0LB1A0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100w
NTPA68R0LBMB0 MURATA-NTPA68R0LBMB0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100w
NTPA94R0LBMB0 MURATA-NTPA94R0LBMB0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA98R0LB1A0 MURATA-NTPA98R0LB1A0 Datasheet
198Kb / 3P
   most suitable for power supplies of less than 100W
NTPAA2R2LD6A0 MURATA-NTPAA2R2LD6A0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100W
NTPAA8R2LD6A0 MURATA-NTPAA8R2LD6A0 Datasheet
198Kb / 3P
   most suitable for power supplies of less than 100W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com