Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

775D106980-103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 775D106980-103
Description  Power Ring Film CapacitorsTM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

775D106980-103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  775D106980-103 Datasheet HTML 1Page - List of Unclassifed Manufacturers 775D106980-103 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Ring Film CapacitorsTM
At the Leading Edge of Film Capacitor Technology®
SBE Part 775D106980-103
SBE reserves the right to amend design data
Power Ring Film Capacitor™
10µF, 8,000Vdc
The 775D106980-103 Power Ring is
a 8,000Vdc, 10µF high voltage pulse
capacitor.
Electrical Specifications
SBE Part #:
775D106980-103
Capacitance/Tolerance: 10µF ±10%
DC Voltage Rating:
8,000Vdc
NOTE: This capacitor is specifically designed to
withstand repetitive pulse discharges at high
pulse currents with longer life than exhibited
by more typical metallized High Voltage film
capacitors. However, this capacitor is not recom-
mended for applications requiring continuous
voltage (constant charge) unless de-rated to
4,000Vdc Maximum. For a technical explanation
and further information on the intended uses for
this design please contact SBE engineering.
Dielectric/Construction: Patented pulse technology
Metallized Polypropylene film.
Series-section design,
non-inductively wound.
Dielectric Withstand
Units 100% tested at DC
Voltage:
potential of 9,000Vdc for
two minutes at 25°C.
Peak-to-Peak Voltage: 10,000 V Max
When operated at this peak-to-peak voltage the
capacitor can be expected to withstand ~5,000
discharges.
Further reducing this value to 7,500 V peak-to-
peak will increase discharge life on the order of
10 times.
Further reducing this value to 5,600 V peak-to-
peak will increase this discharge life more than
1,000 times.
Reducing the Q of the discharge circuit will
improve shot life for all cases. End of life for the
above estimates is 10% capacitance reduction.
Insulation resistance: 10,000 MΩ Min at +25°C
ESR @ 10 kHz:
< 1 mΩ Min at +25°C, typical
ESL:
~ 50 nH, minimum inductance
connection. The actual
capacitor loop inductance
will depend on the application
interconnect design.
Operating Temperature: -40°C to +85°C
Peak Current Rating:
20,000 Amps repetitive


Similar Part No. - 775D106980-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
775D176980-102 ETC2-775D176980-102 Datasheet
565Kb / 2P
   Power Ring Film CapacitorsTM
More results

Similar Description - 775D106980-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
700A37799-181 ETC2-700A37799-181 Datasheet
648Kb / 2P
   Power Ring Film CapacitorsTM
700A40794-185 ETC2-700A40794-185 Datasheet
612Kb / 2P
   Power Ring Film CapacitorsTM
700A308911-163 ETC2-700A308911-163 Datasheet
1Mb / 4P
   Power Ring Film CapacitorsTM
700D10899-525 ETC2-700D10899-525 Datasheet
498Kb / 4P
   Power Ring Film CapacitorsTM
700D158911-590 ETC2-700D158911-590 Datasheet
1Mb / 4P
   Power Ring Film CapacitorsTM
775D306980-100 ETC2-775D306980-100 Datasheet
515Kb / 2P
   Power Ring Film CapacitorsTM
700A60797-180 ETC2-700A60797-180 Datasheet
645Kb / 2P
   Power Ring Film CapacitorsTM
700A158911-590 ETC2-700A158911-590 Datasheet
428Kb / 2P
   Power Ring Film CapacitorsTM
700D50794-529 ETC2-700D50794-529 Datasheet
449Kb / 2P
   Power Ring Film CapacitorsTM
700D50796-349 ETC2-700D50796-349 Datasheet
576Kb / 4P
   Power Ring Film CapacitorsTM
700D117912-408 ETC2-700D117912-408 Datasheet
573Kb / 4P
   Power Ring Film CapacitorsTM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com