Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM20133Q Datasheet(PDF) 5 Page - Texas Instruments

Part # LM20133Q
Description  3A, PowerWise Synchronous Buck Regulator with Input Synchronization
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20133Q Datasheet(HTML) 5 Page - Texas Instruments

  LM20133Q Datasheet HTML 1Page - Texas Instruments LM20133Q Datasheet HTML 2Page - Texas Instruments LM20133Q Datasheet HTML 3Page - Texas Instruments LM20133Q Datasheet HTML 4Page - Texas Instruments LM20133Q Datasheet HTML 5Page - Texas Instruments LM20133Q Datasheet HTML 6Page - Texas Instruments LM20133Q Datasheet HTML 7Page - Texas Instruments LM20133Q Datasheet HTML 8Page - Texas Instruments LM20133Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM20133, LM20133Q
www.ti.com
SNVS526F – OCTOBER 2007 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, fSW =
1 MHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Efficiency vs.
Efficiency vs.
Load Current (VIN = 5V, fSW = 1.5 MHz)
Load Current (VIN = 3.3V, fSW = 1.5 MHz)
Figure 1.
Figure 2.
Efficiency vs.
Efficiency vs.
Load Current (VIN = 5V, fSW = 1 MHz)
Load Current (VIN = 3.3V, fSW = 1 MHz)
Figure 3.
Figure 4.
Efficiency vs.
Efficiency vs.
Load Current (VIN = 5V, fSW = 500 kHz)
Load Current (VIN = 3.3V, fSW = 500 kHz)
Figure 5.
Figure 6.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20133 LM20133Q


Similar Part No. - LM20133Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133MH NSC-LM20133MH Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133MH NSC-LM20133MH Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133MHE NSC-LM20133MHE Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
More results

Similar Description - LM20133Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20134MH TI1-LM20134MH Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20123MH TI-LM20123MH Datasheet
1Mb / 29P
[Old version datasheet]   LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
LM20134MHE TI-LM20134MHE Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com