Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22679-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM22679-Q1
Description  LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22679-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM22679-Q1 Datasheet HTML 1Page - Texas Instruments LM22679-Q1 Datasheet HTML 2Page - Texas Instruments LM22679-Q1 Datasheet HTML 3Page - Texas Instruments LM22679-Q1 Datasheet HTML 4Page - Texas Instruments LM22679-Q1 Datasheet HTML 5Page - Texas Instruments LM22679-Q1 Datasheet HTML 6Page - Texas Instruments LM22679-Q1 Datasheet HTML 7Page - Texas Instruments LM22679-Q1 Datasheet HTML 8Page - Texas Instruments LM22679-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM22679, LM22679-Q1
SNVS581L – FEBRUARY 2013 – REVISED NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VIN to GND
43
V
SS, IADJ Pin Voltage
–0.5
7
V
SW to GND(3)
–5
VIN
V
Boot Pin Voltage
VSW + 7
V
FB Pin Voltage
–0.5
7
V
Power Dissipation
Internally Limited
Junction Temperature(4)
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The absolute-maximum specification of the ‘SW to GND’ applies to dc voltage. An extended negative voltage limit of –10 V applies to a
pulse of up to 50 ns.
(4)
For soldering specifications, refer to refer to application report Absolute Maximum Ratings for Soldering (SNOA549).
6.2 Handling Ratings: LM22679
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
V(ESD)
Electrostatic discharge
–2
2
kV
pins(1)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Handling Ratings: LM22679-Q1
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
–2
2
kV
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply Voltage
4.5
42
V
Junction Temperature Range
–40
125
°C
6.5 Thermal Information
LM22679
THERMAL METRIC(1)(2)
NDR
UNIT
7 PINS
RθJA
Junction-to-ambient thermal resistance
22
°C/W
(1)
For more information about traditional and new thermal metrics, see the application report IC Package Thermal Metrics (SPRA953).
(2)
The value of RθJA for the PFM (TJ) package of 22°C/W is valid if package is mounted to 1 square inch of copper. The RθJA value can
range from 20 to 30°C/W depending on the amount of PCB copper dedicated to heat transfer. See application note AN-1797 TO-263
THIN Package (SNVA328) for more information.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM22679 LM22679-Q1


Similar Part No. - LM22679-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJ-5.0 NSC-LM22679TJ-5.0 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJ-ADJ NSC-LM22679TJ-ADJ Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJE-5.0 NSC-LM22679TJE-5.0 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJE-ADJ NSC-LM22679TJE-ADJ Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
More results

Similar Description - LM22679-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com