Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25010 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM25010
Description  LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25010 Datasheet(HTML) 2 Page - Texas Instruments

  LM25010_15 Datasheet HTML 1Page - Texas Instruments LM25010_15 Datasheet HTML 2Page - Texas Instruments LM25010_15 Datasheet HTML 3Page - Texas Instruments LM25010_15 Datasheet HTML 4Page - Texas Instruments LM25010_15 Datasheet HTML 5Page - Texas Instruments LM25010_15 Datasheet HTML 6Page - Texas Instruments LM25010_15 Datasheet HTML 7Page - Texas Instruments LM25010_15 Datasheet HTML 8Page - Texas Instruments LM25010_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SW
BST
NC
NC
NC
NC
RTN
FB
SS
11
10
9
5
4
3
2
1
6
7
8
12
13
14
VCC
VIN
RON/SD
SGND
ISEN
SW
BST
RTN
VCC
FB
SS
VIN
10
9
8
7
6
5
4
3
2
1
RON/SD
SGND
ISEN
LM25010
SNVS419D – DECEMBER 2005 – REVISED FEBRUARY 2013
www.ti.com
Connection Diagram
Pin Descriptions
PIN NUMBER
NAME
DESCRIPTION
APPLICATION INFORMATION
WSON-10
HTSSOP-14
1
2
SW
Switching node
Internally connected to the buck switch source. Connect to
the inductor, free-wheeling diode, and bootstrap capacitor.
2
3
BST
Boost pin for bootstrap
Connect a capacitor from SW to the BST pin. The capacitor
capacitor
is charged from VCC via an internal diode during the buck
switch off-time.
3
4
ISEN
Current sense
During the buck switch off-time, the inductor current flows
through the internal sense resistor, and out of the ISEN pin
to the free-wheeling diode. The current limit comparator
keeps the buck switch off if the ISEN current exceeds 1.25A
(typical).
4
5
SGND
Current sense ground
Re-circulating current flows into this pin to the current sense
resistor.
5
6
RTN
Circuit ground
Ground return for all internal circuitry other than the current
sense resistor.
6
9
FB
Voltage feedback input from
Input to both the regulation and over-voltage comparators.
the regulated output
The FB pin regulation level is 2.5V.
7
10
SS
Softstart
An internal 11.5 µA current source charges the SS pin
capacitor to 2.5V to soft-start the reference input of the
regulation comparator.
8
11
RON/SD
On-time control and
An external resistor from VIN to the RON/SD pin sets the
shutdown
buck switch on-time. Grounding this pin shuts down the
regulator.
9
12
VCC
Output of the bias regulator
The voltage at VCC is nominally equal to VIN for VIN < 8.9V,
and regulated at 7V for VIN > 8.9V. Connect a 0.47 µF, or
larger capacitor from VCC to ground, as close as possible to
the pins. An external voltage can be applied to this pin to
reduce internal dissipation if VIN is greater than 8.9V.
MOSFET body diodes clamp VCC to VIN if VCC > VIN.
10
13
VIN
Input supply voltage
Nominal input range is 6V to 42V. Input bypass capacitors
should be located as close as possible to the VIN and RTN
pins.
1, 7, 8, 14
NC
No connection
No internal connection. Can be connected to ground plane to
improve heat dissipation.
EP
Exposed pad
Exposed metal pad on the underside of the device. It is
recommended to connect this pad to the PC board ground
plane to aid in heat dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM25010


Similar Part No. - LM25010_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25010Q1MH NSC-LM25010Q1MH Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010Q1MH/NOPB TI1-LM25010Q1MH/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010Q1MHX NSC-LM25010Q1MHX Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010Q1MHX/NOPB TI1-LM25010Q1MHX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
[Old version datasheet]   42V, 1.0A Step-Down Switching Regulator
More results

Similar Description - LM25010_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
[Old version datasheet]   42V, 1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com