Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2EDL05I06PJ Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 2EDL05I06PJ
Description  Thin-film-SOI-technology
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDL05I06PJ Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 2EDL05I06PJ Datasheet HTML 6Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 7Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 8Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 9Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 10Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 11Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 12Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 13Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
EiceDRIVER™ Compact
2EDL family
Final datasheet
10
<Revision 2.5>, 17.07.2014
3
Pin configuration, description, and functionality
3.1
Pin Configuration and Description
Figure 3
Pin Configuration of 2EDL family
Table 2
Pin Description
Symbol
Description
VDD
Low side power supply
GND
Logic ground
HIN
High side logic input
LIN
Low side logic input
VB
High side positive power supply
HO
High side gate driver output
VS
High side negative power supply
LO
Low side gate driver output
nc
Not Connected
3.2
Low Side and High Side Control Pins (LIN, HIN)
3.2.1
Input voltage range
All input pins have the capability to process input voltages up to the supply voltage of the IC. The inputs are
therefore internally clamped to VDD and GND by diodes. An internal pull-down resistor is high ohmic, so that it
can keep the IC in a safe state in case of PCB crack.
3.2.2
Switching levels
The Schmitt trigger input threshold is such to guarantee LSTTL and CMOS compatibility down to 3.3 V
controller outputs. The input Schmitt trigger and noise filter provide beneficial noise rejection to short input
pulses according to Figure 4 and Figure 5. Please note, that the switching levels of the input structures remain
constant even though they can accept amplitudes up to the IC supply level.
VDD
1
14
HIN
2
13
3
12
4
11
LIN
5
10
6
9
7
8
GND
LO
nc
nc
1
8
2
7
3
6
4
5
2EDL (SO8)
2EDL (0.5A, SO14)
2EDL (2.3A, SO14)
nc
VB
HO
VS
nc
VDD
1
14
HIN
2
13
3
12
4
11
LIN
5
10
6
9
7
8
GND
PGND
LO
nc
nc
EN-/FLT
nc
VB
HO
VS
nc
nc
nc
VDD
VB
HIN
HO
VS
LIN
GND
LO


Similar Part No. - 2EDL05I06PJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2EDL05I06PJ INFINEON-2EDL05I06PJ Datasheet
1Mb / 22P
   High voltage gate driver IC
Revision 2.6, 01.06.2016
More results

Similar Description - 2EDL05I06PJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
6EDL04I06PT INFINEON-6EDL04I06PT Datasheet
820Kb / 25P
   Thin-film-SOI-technology
Revision 2.5 15.04.2015
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
ACCU-P AVX-ACCU-P Datasheet
1Mb / 25P
   Thin-Film Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com