Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT15-099 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BAT15-099
Description  Low barrier type for DBS mixer applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-099 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BAT15-099 Datasheet HTML 5Page - Infineon Technologies AG BAT15-099 Datasheet HTML 6Page - Infineon Technologies AG BAT15-099 Datasheet HTML 7Page - Infineon Technologies AG BAT15-099 Datasheet HTML 8Page - Infineon Technologies AG BAT15-099 Datasheet HTML 9Page - Infineon Technologies AG BAT15-099 Datasheet HTML 10Page - Infineon Technologies AG BAT15-099 Datasheet HTML 11Page - Infineon Technologies AG BAT15-099 Datasheet HTML 12Page - Infineon Technologies AG BAT15-099 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2015-01-27
9
BAT15...
Permissible Puls Load RthJS = ƒ (tp)
BAT15-099R
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAT15-099R
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BAT15-099

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15-099 SIEMENS-BAT15-099 Datasheet
143Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
logo
Infineon Technologies A...
BAT15-099 INFINEON-BAT15-099 Datasheet
525Kb / 10P
   Silicon Schottky Diodes
Jan-30-2003
BAT15-099 INFINEON-BAT15-099 Datasheet
970Kb / 16P
   Silicon Schottky Diodes
2010-03-05
BAT15-099 INFINEON-BAT15-099 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
BAT15-099 INFINEON-BAT15-099 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results

Similar Description - BAT15-099

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15-03W SIEMENS-BAT15-03W Datasheet
65Kb / 4P
   Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT15-04 SIEMENS-BAT15-04 Datasheet
67Kb / 3P
   Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT14-03W SIEMENS-BAT14-03W Datasheet
36Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
BAT15-098 SIEMENS-BAT15-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
BAT15-099 SIEMENS-BAT15-099 Datasheet
143Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
BAT14-098 SIEMENS-BAT14-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT14-099 SIEMENS-BAT14-099 Datasheet
79Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com