Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSZ025N04LS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSZ025N04LS
Description  Optimized for synchronous rectification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ025N04LS Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSZ025N04LS Datasheet HTML 1Page - Infineon Technologies AG BSZ025N04LS Datasheet HTML 2Page - Infineon Technologies AG BSZ025N04LS Datasheet HTML 3Page - Infineon Technologies AG BSZ025N04LS Datasheet HTML 4Page - Infineon Technologies AG BSZ025N04LS Datasheet HTML 5Page - Infineon Technologies AG BSZ025N04LS Datasheet HTML 6Page - Infineon Technologies AG BSZ025N04LS Datasheet HTML 7Page - Infineon Technologies AG BSZ025N04LS Datasheet HTML 8Page - Infineon Technologies AG BSZ025N04LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
OptiMOSTMPower-MOSFET,40V
BSZ025N04LS
Rev.2.1,2014-06-27
Final Data Sheet
(enlarged source interconnection)
TSDSON-8FL
8 D
7 D
6 D
5 D
S 1
S 2
S 3
G 4
1Description
Features
•Optimizedforsynchronousrectification
•Verylowon-resistanceRDS(on)
•100%avalanchetested
•Superiorthermalresistance
•N-channel,logiclevel
•QualifiedaccordingtoJEDEC1)fortargetapplications
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
•Highersolderjointreliabilitywithenlargedsourceinterconnection
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
40
V
RDS(on),max
2.5
m
ID
40
A
QOSS
33
nC
QG(0V..10V)
37
nC
Type/OrderingCode
Package
Marking
RelatedLinks
BSZ025N04LS
PG-TSDSON-8 FL
025N04L
-
1) J-STD20 and JESD22


Similar Part No. - BSZ025N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ021N04LS6 INFINEON-BSZ021N04LS6 Datasheet
1Mb / 11P
   OptiMOSTM6 Power-Transistor, 40 V
Rev.2.3,2021-02-23
BSZ023N04LS INFINEON-BSZ023N04LS Datasheet
1,021Kb / 2P
   New OptiMOS??40V and 60V
07 / 2012
BSZ024N04LS6 INFINEON-BSZ024N04LS6 Datasheet
1Mb / 11P
   OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2021-02-22
BSZ028N04LS INFINEON-BSZ028N04LS Datasheet
1Mb / 11P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
More results

Similar Description - BSZ025N04LS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7759L2PBF IRF-IRF7759L2PBF_15 Datasheet
274Kb / 11P
   Optimized for Synchronous Rectification
IRF7769L1PBF IRF-IRF7769L1PBF_15 Datasheet
267Kb / 10P
   Optimized for Synchronous Rectification
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
IRF7799L2PBF IRF-IRF7799L2PBF_15 Datasheet
268Kb / 11P
   Optimized for Synchronous Rectification
IRF6674PBF IRF-IRF6674PBF_15 Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7779L2PBF IRF-IRF7779L2PBF_15 Datasheet
266Kb / 11P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IPD025N06NATMA1 INFINEON-IPD025N06NATMA1 Datasheet
621Kb / 9P
   Optimized for synchronous rectification
Rev.2.3 2012-12-20
logo
International Rectifier
IRF7739L1PBF IRF-IRF7739L1PBF_15 Datasheet
278Kb / 10P
   Optimized for Synchronous Rectification
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com