Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26001 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM26001
Description  LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26001 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM26001_15 Datasheet HTML 7Page - Texas Instruments LM26001_15 Datasheet HTML 8Page - Texas Instruments LM26001_15 Datasheet HTML 9Page - Texas Instruments LM26001_15 Datasheet HTML 10Page - Texas Instruments LM26001_15 Datasheet HTML 11Page - Texas Instruments LM26001_15 Datasheet HTML 12Page - Texas Instruments LM26001_15 Datasheet HTML 13Page - Texas Instruments LM26001_15 Datasheet HTML 14Page - Texas Instruments LM26001_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
sleep
wake
0.6V
2 2A
+
-
0.9V
V clamp
+
-
+
-
SS
logic
+
-
TSD
VDD_low
ss end
blanking
qn
qn
fpwm
Sync and
bootstrap
control
fpwm
LG
LG
5 2A
VDD_low
EN
FB
SW
SW
FPWM
COMP
PGOOD
SS
GND
SYNC
BOOT
VIN
VBIAS
VDD
VIN
SD
+
-
+
-
+
-
Clock / Sync
BG
BG
+
I Sense
PWM
Comp
BG
IREF
TSD
FPWM / Sleep
Peak Current
Control
Sleep
Reset
EA
PG
0.92BG
+
-
Corrective
Ramp
PWM Control
Logic
+
-
+
-
Sleep
Set
LDO
UVLO
on
Switchover
control
VREG
sleep
EP
frequency
foldback
FREQ
soft start
on
SD
ff
ff
1 2s/DIV
Vout
10 mV/Div
IL
500 mA/Div
ID
1A/Div
VSW
5V/Div
LM26001, LM26001-Q1
www.ti.com
SNVS430I – MAY 2006 – REVISED MARCH 2015
7 Detailed Description
7.1 Overview
The LM26001 is a current mode PWM buck regulator. At the beginning of each clock cycle, the internal high-side
switch turns on, allowing current to ramp up in the inductor. The inductor current is internally monitored during
each switching cycle. A control signal derived from the inductor current is compared to the voltage control signal
at the COMP pin, derived from the feedback voltage. When the inductor current reaches the threshold, the high-
side switch is turned off and inductor current ramps down. While the switch is off, inductor current is supplied
through the catch diode. This cycle repeats at the next clock cycle. In this way, duty cycle and output voltage are
controlled by regulating inductor current. Current mode control provides superior line and load regulation. Other
benefits include cycle by cycle current limiting and a simplified compensation scheme. Typical PWM waveforms
are shown in Figure 14.
Figure 14. PWM Waveforms 1-A Load, Vin = 12 V
7.2 Functional Block Diagram
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM26001 LM26001-Q1


Similar Part No. - LM26001_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Similar Description - LM26001_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
[Old version datasheet]   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com