Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34910 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM34910
Description  High Voltage (40V, 1.25A) Step Down Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34910 Datasheet(HTML) 4 Page - Texas Instruments

  LM34910_15 Datasheet HTML 1Page - Texas Instruments LM34910_15 Datasheet HTML 2Page - Texas Instruments LM34910_15 Datasheet HTML 3Page - Texas Instruments LM34910_15 Datasheet HTML 4Page - Texas Instruments LM34910_15 Datasheet HTML 5Page - Texas Instruments LM34910_15 Datasheet HTML 6Page - Texas Instruments LM34910_15 Datasheet HTML 7Page - Texas Instruments LM34910_15 Datasheet HTML 8Page - Texas Instruments LM34910_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM34910
SNVS297B – OCTOBER 2004 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 24V, RON = 200k unless otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Limit
ILIM
Threshold
Current out of ISEN
1
1.25
1.5
A
Resistance from ISEN to SGND
130
m
Response time
150
ns
On Timer
tON - 1
On-time
VIN = 10V, RON = 200 kΩ
2.1
2.75
3.6
µs
tON - 2
On-time
VIN = 36V, RON = 200 kΩ
740
ns
Shutdown threshold
Voltage at RON/SD rising
0.35
0.65
1.1
V
Threshold hysteresis
Voltage at RON/SD falling
40
mV
Off Timer
tOFF
Minimum Off-time
280
ns
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB regulation threshold
SS pin = steady state
2.440
2.5
2.550
V
FB over-voltage threshold
2.875
V
FB bias current
100
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
175
°C
Thermal shutdown hysteresis
20
°C
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM34910


Similar Part No. - LM34910_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM34910_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com