Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34910C Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM34910C
Description  High Voltage (50V, 1.25A) Step Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34910C Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM34910C Datasheet HTML 3Page - Texas Instruments LM34910C Datasheet HTML 4Page - Texas Instruments LM34910C Datasheet HTML 5Page - Texas Instruments LM34910C Datasheet HTML 6Page - Texas Instruments LM34910C Datasheet HTML 7Page - Texas Instruments LM34910C Datasheet HTML 8Page - Texas Instruments LM34910C Datasheet HTML 9Page - Texas Instruments LM34910C Datasheet HTML 10Page - Texas Instruments LM34910C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FB
SW
L1
C2
R1
R2
R3
LM34910C
BST
VCC
D2
C3
C4
D1
ISEN
SGND
VOUT1
VOUT2
FB
SW
L1
C2
R1
R2
VOUT2
R3
LM34910C
LM34910C
www.ti.com
SNVS517B – MAY 2007 – REVISED MARCH 2013
Output voltage regulation is based on ripple voltage at the feedback input, requiring a minimum amount of ESR
for the output capacitor C2. The LM34910C requires a minimum of 25 mV of ripple voltage at the FB pin. In
cases where the capacitor’s ESR is insufficient additional series resistance may be required (R3 in Typical
Application Circuit and Block Diagram).
For applications where lower output voltage ripple is required the output can be taken directly from a low ESR
output capacitor as shown in Figure 3. However, R3 slightly degrades the load regulation.
Figure 3. Low Ripple Output Configuration
Start-up Regulator, VCC
The start-up regulator is integral to the LM34910C. The input pin (VIN) can be connected directly to line voltage
up to 50V, with transient capability to 55V. The VCC output regulates at 7.0V, and is current limited to 9 mA. Upon
power up, the regulator sources current into the external capacitor at VCC (C3). When the voltage on the VCC pin
reaches the under-voltage lockout threshold of 5.8V, the buck switch is enabled and the Softstart pin is released
to allow the Softstart capacitor (C6) to charge up.
The minimum input voltage is determined by the regulator’s dropout voltage, the VCC UVLO falling threshold
(
≊5.7V), and the frequency. When VCC falls below the falling threshold the VCC UVLO activates to shut off the
output. If VCC is externally loaded, the minimum input voltage increases since the output impedance at VCC is
≊140Ω. See Figure 1.
To reduce power dissipation in the start-up regulator, an auxiliary voltage can be diode connected to the VCC pin.
Setting the auxiliary voltage to between 8V and 14V shuts off the internal regulator, reducing internal power
dissipation. The sum of the auxiliary voltage and the input voltage (VCC + VIN) cannot exceed 70V. Internally, a
diode connects VCC to VIN. See Figure 4.
Figure 4. Self Biased Configuration
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM34910C


Similar Part No. - LM34910C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM34910CSD NSC-LM34910CSD Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM34910CSDE NSC-LM34910CSDE Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM34910CSDX NSC-LM34910CSDX Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM34910C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com