Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37210M3 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M37210M3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37210M3 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M37210M3 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
MITSUBISHI MICROCOMPUTERS
M37210M3-XXXSP/FP, M37210M4-XXXSP, M37211M2-XXXSP
M37210E4-XXXSP/FP, M37210E4SP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
4
M37210M3-XXXSP, M37210M4-XXXSP, M37211M2-XXXSP
M37210M3-XXXFP
Number of character
Character dot construction
Kinds of characters
Character size
Kinds of color
Display position (horizontal, vertical)
FUNCTIONS
Parameter
M37210M3-XXXSP/FP
M37210M4-XXXSP
M37211M2-XXXSP
P0
P10 – P14
P15 – P17
P2
P30, P31
P32, P35
P40, P41
P42
P5
P6
at CRT display ON
at CRT display OFF
at stop mode
ROM
RAM
ROM
RAM
ROM
RAM
I/O
I/O
Input
I/O
I/O
Input
I/O
Input
Output
Output
Functions
69
0.5
µs (the minimum instruction execution time, at 8MHz oscillation frequency)
8MHz
12 K bytes
256 bytes
16 K bytes
320 bytes
8 K bytes
192 bytes
8-bit ! 1 (can be used as N-channel open-drain output and PWM4-PWM7)(Note)
5-bit ! 1 (CMOS 3-state output)
3-bit ! 1 (can be used as A-D input)
8-bit ! 1 (CMOS 3-state output)
2-bit ! 1 (CMOS 3-state input/output)
4-bit ! 1 (can be used as timer input pins, INT input pins and A-D input pins)
2-bit ! 1 (can be used as N-channel open-drain output and serial I/O function pins)
1-bit ! 1 (can be used as serial I/O and A-D input)
4-bit ! 1 (can be used as R, G, B, OUT pins)
4-bit ! 1 (can be used as N-channel open-drain output and PWM0-PWM3 output pins)
8-bit ! 1
8-bit timer ! 4
96 levels (max.)
Two external interrupts, four internal timer interrupts,
one serial I/O interrupt, one CRT interrupt, one f(XIN)/4096
interrupt, one VSYNC interrupt, BRK instruction
Built-in circuit (externally connected a ceramic resonator or a quartz-crystal oscillator)
5V ± 10%
110mW (at 4MHz oscillation frequency, VCC = 5.5V, Typ.)
55mW (at 4MHz oscillation frequency, VCC = 5.5V, Typ.)
1.65mW (Max.)
−10 to 70°C
CMOS silicon gate process
52-pin shrink plastic molded DIP
64-pin plastic molded QFP
18 characters ! 2 lines : maximum 16 lines (by software)
12 ! 16 dots
96 kinds
3 kinds
7 kinds max, (R, G, B) : can be specified by character unit
64 levels (horizontal) ! 128 levels (vertical)
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output ports
Serial I/O
Timers
Subroutine nesting
Interrupt
Clock generating circuit
Power source voltage
Power dissipation
Operating temperature range
Device structure
Package
CRT display function
Note : The M37211M2-XXXSP can be also used as PWM4 and PWM5.


Similar Part No. - M37210M3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3-XXXFP RENESAS-M37210M3-XXXFP Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3-XXXSP RENESAS-M37210M3-XXXSP Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37210M3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com