Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

297W-003 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 297W-003
Description  EMI/RFI Strain Relief Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

297W-003 Datasheet(HTML) 2 Page - Glenair, Inc.

  297W-003 Datasheet HTML 1Page - Glenair, Inc. 297W-003 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
C-7
© 2014 Glenair, Inc.
Series 22 Geo-Marine®
U.S. CAGE Code 06324
Printed in U.S.A.
C
297W-003
EMI/RFI Strain Relief Backshell
Cable Sealing for Geo-Marine® Connectors
Table I: Dimensions
Shell Size
A Thread Class 2B
B Max
C Max
D (Standard) Max
E Max
F (Standard) Max
10
5/8-24 UNEF
.781
(19.8)
.688
(17.5)
.86
(21.8)
.87
(22.1)
1.04
(26.4)
12
3/4-20 UNEF
.906
(23.0)
.705
(17.9)
.89
(22.6)
.97
(24.6)
1.11
(28.2)
14
7/8-20 UNEF
1.031
(26.2)
.732
(18.6)
.91
(23.1)
.98
(24.9)
1.17
(29.7)
16
1-20 UNEF
1.156
(29.4)
.748
(19.0)
.92
(23.4)
1.02
(25.9)
1.19
(30.2)
18
1 1/8-16 UN
1.281
(32.5)
.773
(19.6)
.94
(23.9)
1.08
(27.4)
1.25
(31.8)
20
1 1/4-16 UN
1.406
(35.7)
.800
(20.3)
.98
(24.9)
1.14
(29.0)
1.33
(33.8)
22
1 3/8-16 UN
1.531
(38.9)
.823
(20.9)
1.01
(25.7)
1.20
(30.5)
1.40
(35.6)
24
1 1/2-16 UN
1.656
(42.1)
1.041
(26.4)
1.18
(30.0)
1.48
(37.6)
1.64
(41.7)
Table II: Cable Entry Dash Number Dimensions
Dash No
Cable Entry
G Max
H Ref
J Ref
Min
Max
03
.156
(4.0)
.250
(6.4)
.844
(21.4)
1.03
(26.2)
.760
(19.3)
04
.188
(4.8)
.312
(7.9)
.906
(23.0)
1.03
(26.2)
.760
(19.3)
06
.281
(7.1)
.4381
(11.1)
1.903
(48.3)
1.03
(26.2)
.760
(19.3)
08
.344
(8.7)
.5621
(14.3)
1.187
(30.1)
1.03
(26.2)
.760
(19.3)
10
.375
(9.5)
.6251
(15.9)
1.281
(32.5)
1.19
(30.2)
.760
(19.3)
12
.438
(11.1)
.750
(19.1)
1.500
(38.1)
1.19
(30.2)
.760
(19.3)
16
.562
(14.3)
.938
(23.8)
1.719
(43.7)
1.19
(30.2)
1.073
(27.3)
20
.750
(19.1)
1.250
(31.8)
2.062
(52.4)
1.19
(30.2)
1.323
(33.6)
24
.781
(19.8)
1.375
(34.9)
2.312
(58.7)
1.19
(30.2)
1.323
(33.6)
28
.969
(24.6)
1.625
(41.3)
2.719
(69.1)
1.19
(30.2)
1.572
(39.9)
32
1.125
(28.6)
1.875
(47.6)
2.969
(75.4)
1.19
(30.2)
1.572
(39.9)
40
1.469
(37.3)
2.375
(60.3)
3.531
(89.7)
1.19
(30.2)
1.572
(39.9)
Notes
1. Assembly identified with manufacturer’s name and P/N, space
permitting.
2. Standard minimum length for Style I is 1.50 Inch, for Style II is
2.00 Inches. For shorter length, consult factory. Note: applies to
Sym S, straight, only.
3. When maximum cable range exceeds inside diameter of
connector shell:
Sym S: Style II will be supplied.
Sym H and Sym J: dimension C, D, E & F does not apply.
4. Glenair 600 series backshell assembly tools are recommended
for assembly and installation.
5. Material/Finish:
• Elbow, adapter, clamp, hardware, spring follower, coupling
and gland nuts - CRES/pasivate
• Washer - teflon/n.a.
• Grommet, o-rings - silicone/n.a.


Similar Part No. - 297W-003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
297 LITTELFUSE-297 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
logo
Alpha Wire
297 ALPHAWIRE-297 Datasheet
107Kb / 2P
   All materials used in the manufacture of this part are in compliance
297 ALPHAWIRE-297 Datasheet
97Kb / 3P
   Customer Specification
2/20/2023
logo
Pomona Electronics
2970 POMONA-2970 Datasheet
27Kb / 1P
   Triple Banana Plug
logo
Coto Technology
2970 COTO-2970 Datasheet
401Kb / 2P
   2970 SERIES REED RELAYS FOR -40C TO 125C
More results

Similar Description - 297W-003

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
   EMI/RFI Strain-Relief Backshell
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527T123B3501 GLENAIR-527T123B3501 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AH104B08 GLENAIR-380AH104B08 Datasheet
92Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com