Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2200 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XC2200
Description  16/32-Bit Single-Chip Microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2200 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XC2200 Datasheet HTML 7Page - Infineon Technologies AG XC2200 Datasheet HTML 8Page - Infineon Technologies AG XC2200 Datasheet HTML 9Page - Infineon Technologies AG XC2200 Datasheet HTML 10Page - Infineon Technologies AG XC2200 Datasheet HTML 11Page - Infineon Technologies AG XC2200 Datasheet HTML 12Page - Infineon Technologies AG XC2200 Datasheet HTML 13Page - Infineon Technologies AG XC2200 Datasheet HTML 14Page - Infineon Technologies AG XC2200 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
XC2200 Derivatives
XC2000 Family / Alpha Line
Short Errata Description
Errata Sheet
11
V1.11, 2014-10
4
Short Errata Description
This chapter gives an overview on the deviations and application hints. Changes to the
last Errata Sheet are shown in the column “Chg”.
4.1
Functional Deviations
Table 2 shows a short description of the functional deviations.
Table 2
Functional Deviations
Functional
Deviation
Short Description
Chg
Pg
ADC_AI.001
Conversions requested in Slot 0 started twice
18
BROM_TC.006
Baud Rate Detection for CAN Bootstrap Loader
18
BSL_CAN_X.001
Quartz Crystal Settling Time after PORST too
Long for CAN Bootstrap Loader
19
BSL_X.004
Evaluation of UART Bootstrap Loader
Identification Byte in Single Wire Configuration
19
DPRAM_X.001
Parity Error Flag for DPRAM
19
EBC_X.007
Bus Arbitration not Properly Working
20
ESR_X.004
Wrong Value of SCU_RSTCONx Registers after
ESRy Application Reset
20
FLASH_X.008
Flash Read after Flash Erase Command
21
GPT12E_X.001
T5/T6 in Counter Mode with BPS2 = 1X
B
22
GPT12E_X.002
Effects of GPT Module Microarchitecture
22
GSC_X.001
Clearing of Request Triggers by the GSC
23
INT_X.007
Interrupt using a Local Register Bank during
execution of IDLE
24
INT_X.008
HW Trap during Context Switch in Routine
using a Local Bank
25
INT_X.009
Delayed Interrupt Service of Requests using a
Global Bank
26
INT_X.010
HW Traps and Interrupts may get postponed
27
MultiCAN_AI.040
Remote frame transmit acceptance filtering
error
28
MultiCAN_AI.041
Dealloc Last Obj
29


Similar Part No. - XC2200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2200U INFINEON-XC2200U Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
More results

Similar Description - XC2200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2268I INFINEON-XC2268I Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2300 INFINEON-XC2300 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.9 2014-10
XC2336B INFINEON-XC2336B_14 Datasheet
625Kb / 107P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2368E INFINEON-XC2368E Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com