Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W28B002 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-W28B002
Description  WR-28 Instrumentation Grade Waveguide H-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W28B002 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-W28B002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W28B002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W28B002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W28B002 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
PE-W28B002 REV 0.1
PE-W28B002
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Instrumentation Grade Waveguide H-Bend with UG-599/U Flange Operating from
26.5 GHz to 40 GHz PE-W28B002
WR-28 Instrumentation Grade Waveguide H-Bend with
UG-599/U Flange Operating from 26.5 GHz to 40 GHz


Similar Part No. - PE-W28B002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28B001 PASTERNACK-PE-W28B001 Datasheet
403Kb / 4P
   WR-28 Instrumentation Grade Waveguide E-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
More results

Similar Description - PE-W28B002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28B001 PASTERNACK-PE-W28B001 Datasheet
403Kb / 4P
   WR-28 Instrumentation Grade Waveguide E-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
PE-W42B002A PASTERNACK-PE-W42B002A Datasheet
362Kb / 3P
   WR-42 Instrumentation Grade Waveguide H-Bend with UG-595/U Flange Operating from 18 GHz to 26.5 GHz
PE-W28TF005-24 PASTERNACK-PE-W28TF005-24 Datasheet
393Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-12 PASTERNACK-PE-W28TF005-12 Datasheet
398Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-36 PASTERNACK-PE-W28TF005-36 Datasheet
394Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W42B002 PASTERNACK-PE-W42B002 Datasheet
336Kb / 2P
   WR-42 Instrumentation Grade Waveguide H-Bend with UG595-U Flange Operating from 18 GHz to 26.5 GHz
PE-W28SF005-24 PASTERNACK-PE-W28SF005-24 Datasheet
392Kb / 4P
   WR-28 Seamless Flexible Waveguide, UG-599/U Square Cover Flange Operating From 26.5 GHz to 40 GHz
PE-W42B001A PASTERNACK-PE-W42B001A Datasheet
361Kb / 3P
   WR-42 Instrumentation Grade Waveguide E-Bend with UG-595/U Flange Operating from 18 GHz to 26.5 GHz
PE-W28S001-3 PASTERNACK-PE-W28S001-3 Datasheet
417Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 3 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-9 PASTERNACK-PE-W28S001-9 Datasheet
561Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 9 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com