Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

390MS076 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 390MS076
Description  Mighty Mouse Environmental EMI Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

390MS076 Datasheet(HTML) 1 Page - Glenair, Inc.

  390MS076 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
X-37
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
These backshells feature an EMI ring for
easy shield termination. O-rings provide
watertight seals on the cable jacket and
on the backshell-to-connector interface.
Series 80 Mighty Mouse Environmental EMI Backshell
390MS076 Straight, 390M*077 Straight, 45° and 90°
Ordering Information
How To Order
Sample Part Number
390MS077
M
07
04-
6
N
Series (See Table I)
390MS076 = Straight Entry,
Direct Coupling
390MS077 = Straight Entry,
Rotatable Coupling
390MB077 = 45° Entry
390MA077 = 90° Entry
Shell Material and Finish
C = Aluminum / Black Anodize
(Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel
NF = Aluminum / Cadmium with
Olive Drab
ZN = Aluminum / Zinc-Nickel with
Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with
Black Chromate
MT = Aluminum / Nickel-PTFE
Z1 = Stainless Steel / Passivated
Size Code (See Table II)
05, 06, 11, 07, 08, 09, 10, 12, 13, 14, 16, 17
Cable Entry Code
(See Table III)
01, 02, 03, 04, 05, 06, 07, 08, 09, 10, 11, 12, 13
Length
Straight Entry 390MS Only
Specify length in increments of .125; e.g. 6 =.75 in
Clamp Style (See Table IV)
Omit = Screw Clamp with Saddle Bars
N = Compression Nut, Low Profile
Table I: Cover Style
390MS076
Straight Entry, Direct
Coupling
390MS077
Straight Entry,
Rotatable Coupling
390MB077
45° Entry
390MA077
90° Entry
NOTES
1. Minimum length is .63 Inches. Tee table
i for standard lenth applies to sym s,
straight only
2. Use shrink sleeve or bushing to build
cable to dia. shown, under saddle bars
Materials
• Adapter, clamp, nut and saddles:
aluminum alloy 6061-t6 or 300 series
stainless steel
• O-rings: silicone rubber
• Hardware: 300 series stainless steel
Table IV: Cover Style
Omit
Screw Clamp With
Saddle Bars
N
Compression Nut,
Low Profile
Table II: Size Code
Size
Code
Thread Size
Class -2B UNEF
Size
Code
Thread Size
Class -2B UNEF
05
.2500-32
10
.6250-24
06
.3125-32
12
.6875-24
11
.3750-32
13
.7500-20
07
.4375-28
14
.9375-20
08
.5000-28
16
1.0625-18
09
.5625-24
17
1.1875-18
Table III: Cable Entry Code
Cable
Entry
Code
Saddle
Clamp
J Diameter
Fully Closed
Cable
Entry
Code
Saddle
Clamp
J Diameter
Fully Closed
In.
± .030
mm.
± 0.76
In.
± .030
mm.
± 0.76
01-
.110
2.79
08-
.550
13.97
02-
.170
4.32
09-
.610
15.49
03-
.230
5.84
10-
.670
17.02
04-
.300
7.62
11-
.730
18.54
05-
.360
9.14
12-
.860
21.84
06-
.420
10.67
13-
.990
25.15
07-
.480
12.19
Compression
Nut
EMI Ring
O-Ring
O-Ring
O-Ring


Similar Part No. - 390MS076

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390MS076M0501-5N GLENAIR-390MS076M0501-5N Datasheet
403Kb / 2P
   Backshells, Boots and Clamps
390MS076M0501-6N GLENAIR-390MS076M0501-6N Datasheet
403Kb / 2P
   Backshells, Boots and Clamps
390MS076M0502-5N GLENAIR-390MS076M0502-5N Datasheet
403Kb / 2P
   Backshells, Boots and Clamps
390MS076M0502-6N GLENAIR-390MS076M0502-6N Datasheet
403Kb / 2P
   Backshells, Boots and Clamps
390MS076M0601-5N GLENAIR-390MS076M0601-5N Datasheet
403Kb / 2P
   Backshells, Boots and Clamps
More results

Similar Description - 390MS076

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380MS135 GLENAIR-380MS135 Datasheet
190Kb / 1P
   Mighty Mouse EMI Backshell
380MS141 GLENAIR-380MS141 Datasheet
259Kb / 2P
   Mighty Mouse EMI/RFI Backshell
447MS981 GLENAIR-447MS981 Datasheet
291Kb / 2P
   Mighty Mouse EMI/RFI Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
M28840-916WA GLENAIR-M28840-916WA Datasheet
85Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M28840-616WA GLENAIR-M28840-616WA Datasheet
78Kb / 1P
   EMI/RFI Environmental Backshell
M85049-79-09N01 GLENAIR-M85049-79-09N01 Datasheet
79Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com