Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

443-033 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 443-033
Description  Band-in-a-Can Piggyback Boot Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

443-033 Datasheet(HTML) 2 Page - Glenair, Inc.

  443-033 Datasheet HTML 1Page - Glenair, Inc. 443-033 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail:sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
11
Dimensions in Inches (millimeters) are subject to change without notice.
© 2012 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Table III: Shell Size
Shell Size
E
.060 (1.5)
F
.090 (2.3)
G
.090 (2.3)
Max Entry
Dash No.
A F/L G H U
08 08
- 09 -
.690
(17.5)
.880
(22.4)
1.19
(30.2)
10
10 10
- 11 08 .750
(19.1)
1.00
(25.4)
1.25
(31.8)
12
12 12 11 13 10 .810
(20.6)
1.13
(28.7)
1.31
(33.3)
14
14 14 13 15 12 .880
(22.4)
1.31
(33.3)
1.38
(35.1)
16
16 16 15 17 14 .940
(23.9)
1.38
(35.1)
1.44
(36.6)
20
18 18 17 19 16 .970
(24.6)
1.44
(36.6)
1.47
(37.3)
20
20 20 19 21 18 1.06
(26.9)
1.63
(41.4)
1.56
(39.6)
22
22 22
- 23 20 1.13
(28.7)
1.75
(44.5)
1.63
(41.4)
24
24 24 23 25 22 1.19
(30.2)
1.88
(47.8)
1.69
(42.9)
32
28
-
25 - 24 1.34
(34.0)
2.13
(54.1)
1.78
(45.2)
32
Table II: Backshell Finish Options
Sym
Finish Description
XM
2000 Hour Corrosion Resistant
Electroless Nickel
XMT
2000 Hour Corrosion Resistant NI-PTFE,
Nickel-Fluorocarbon Polymer. 1000 Hour Grey
XW
2000 Hour Corrosion Resistant Cadmium
Olive Drab Over Electroless Nickel
Table IV: Cable Entry
Entry
Code
H
Ø Entry
M
Min
N
Max
± .06 (1.5) ± .03 (0.8)
10
.940
(23.9)
.220
(5.6)
.330
(8.40)
.236
(6.00)
12
1.17
(29.7)
.280
(7.1)
.430
(11.0)
.236
(6.00)
14
1.28
(32.5)
.340
(8.6)
.510
(13.0)
.276
(7.00)
16
1.41
(35.8)
.460
(11.7)
.670
(17.0)
.276
(7.00)
18
1.50
(38.1)
.550
(14.0)
.750
(19.0)
.276
(7.00)
20
1.56
(39.6)
.620
(15.7)
.820
(20.8)
.335
(8.50)
22
1.69
42.9)
.700
(17.8)
.960
(24.4)
.335
(8.50)
24
1.81
(46.0)
.780
(19.8)
1.05
(26.7)
.335
(8.50)
28
1.91
(48.5)
.850
(21.6)
1.18
(30.0)
.335
(8.50)
32
2.02
(51.3)
.950
(24.1)
1.31
(33.3)
.394
(10.0)
443-033
Band-in-a-Can Piggyback Boot Adapter, Composite
With Shrink Boot Nut & Self-Locking Rotatable Coupling
F
Anti-Decoupling
Device - Typ
Accommodates
600-052-1 Band
Pigtail Termination
Slot - Typ
E
G
N
After Unrestricted
Shrinkage
Entry
Table V: Boot Material Selection Guide
Attribute
Type 1 High-Performance
Semi-Rigid Elastomer
Type 2 Zero-Halogen
Semi-Rigid Polyolefin
Type 3 General Purpose
Flexible Polyolefin
Continuous Operating Temp.
-75° To +150° c-
30° To +135° c-
55° To 135° c
Resistence To Fuels, Oils
Excellent
Very Good
Good
Low Toxicity, Zero Halogen
No
Yes
No


Similar Part No. - 443-033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
443-037 ETC1-443-037 Datasheet
20Kb / 1P
   Round Head Centre Punches, 100mm 4in long.
More results

Similar Description - 443-033

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
310-048 GLENAIR-310-048 Datasheet
873Kb / 2P
   Environmental Piggyback Boot Adapter
317-102 GLENAIR-317-102 Datasheet
306Kb / 2P
   EMI/RFI Environmental Piggyback Boot Adapter
319-183 GLENAIR-319-183 Datasheet
404Kb / 2P
   EMI/RFI Environmental Piggyback Boot Adapter
635-005 GLENAIR-635-005 Datasheet
270Kb / 2P
   Environmental Piggyback Boot Cable Feed-Through
M85049-49-59A12 GLENAIR-M85049-49-59A12 Datasheet
72Kb / 1P
   Shrink Boot Adapter
447AH420NF08 GLENAIR-447AH420NF08 Datasheet
86Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell
447-425 GLENAIR-447-425 Datasheet
182Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell
logo
List of Unclassifed Man...
F19K ETC2-F19K Datasheet
632Kb / 4P
   SCHIRMADAPTER Shielded Shrink Boot Adapter
logo
Glenair, Inc.
310DH034B GLENAIR-310DH034B Datasheet
86Kb / 2P
   O-Ring Sealed Shrink Boot Adapter
310FS006M GLENAIR-310FS006M Datasheet
308Kb / 1P
   O-Ring Sealed Shrink Boot Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com