Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2388E Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # XC2388E
Description  16/32-Bit Single-Chip Microcontroller
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2388E Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button XC2388E Datasheet HTML 4Page - Infineon Technologies AG XC2388E Datasheet HTML 5Page - Infineon Technologies AG XC2388E Datasheet HTML 6Page - Infineon Technologies AG XC2388E Datasheet HTML 7Page - Infineon Technologies AG XC2388E Datasheet HTML 8Page - Infineon Technologies AG XC2388E Datasheet HTML 9Page - Infineon Technologies AG XC2388E Datasheet HTML 10Page - Infineon Technologies AG XC2388E Datasheet HTML 11Page - Infineon Technologies AG XC2388E Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
XC2387E, XC2388E
XC2000 Family Derivatives / Premium Line
Summary of Features
Data Sheet
8
V1.3, 2014-07
– Multi-functional general purpose timer unit with 5 timers
– 16-channel general purpose capture/compare unit (CAPCOM2)
– Up to four capture/compare units for flexible PWM signal generation (CCU6x)
– Two synchronizable 12-bit A/D Converters with up to 24 channels,
conversion time below 1
μs, optional data preprocessing (data reduction, range
check), broken wire detection
– Up to 8 serial interface channels to be used as UART, LIN, high-speed
synchronous channel (SPI), IIC bus interface (10-bit addressing, 400 kbit/s), IIS
interface
– On-chip MultiCAN interface (Rev. 2.0B active) with up to 64 message objects
(Full CAN/Basic CAN) on up to 3 CAN nodes and gateway functionality
– FlexRay™ module (E-Ray) according to protocol specification V2.1,
2 nodes (XC2388E)
– On-chip system timer and on-chip real time clock
Up to 12 Mbytes external address space for code and data
– Programmable external bus characteristics for different address ranges
– Multiplexed or demultiplexed external address/data buses
– Selectable address bus width
– 16-bit or 8-bit data bus width
– Five programmable chip-select signals
Single power supply from 3.0 V to 5.5 V
Power reduction and wake-up modes with flexible power management
Programmable watchdog timer and oscillator watchdog
Up to 118 general purpose I/O lines
On-chip bootstrap loaders
Supported by a full range of development tools including C compilers, macro-
assembler packages, emulators, evaluation boards, HLL debuggers, simulators,
logic analyzer disassemblers, programming boards
On-chip debug support via Device Access Port (DAP) or JTAG interface
144-pin Green LQFP package, 0.5 mm (19.7 mil) pitch


Similar Part No. - XC2388E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2388C INFINEON-XC2388C Datasheet
1Mb / 147P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2388C-104FxL INFINEON-XC2388C-104FxL Datasheet
1Mb / 148P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3, 2011-07
XC2388C-136FxL INFINEON-XC2388C-136FxL Datasheet
1Mb / 148P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3, 2011-07
XC2388C-200FxL INFINEON-XC2388C-200FxL Datasheet
1Mb / 148P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3, 2011-07
More results

Similar Description - XC2388E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2268I INFINEON-XC2268I Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2300 INFINEON-XC2300 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.9 2014-10
XC2336B INFINEON-XC2336B_14 Datasheet
625Kb / 107P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2368E INFINEON-XC2368E Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com