Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9266-2QX Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE9266-2QX
Description  Very low quiescent current consumption in Stop- and Sleep Mode
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9266-2QX Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE9266-2QX Datasheet HTML 1Page - Infineon Technologies AG TLE9266-2QX Datasheet HTML 2Page - Infineon Technologies AG TLE9266-2QX Datasheet HTML 3Page - Infineon Technologies AG TLE9266-2QX Datasheet HTML 4Page - Infineon Technologies AG TLE9266-2QX Datasheet HTML 5Page - Infineon Technologies AG TLE9266-2QX Datasheet HTML 6Page - Infineon Technologies AG TLE9266-2QX Datasheet HTML 7Page - Infineon Technologies AG TLE9266-2QX Datasheet HTML 8Page - Infineon Technologies AG TLE9266-2QX Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
PG-VQFN-48-31
Type
Package
Marking
TLE9266-2QX
PG-VQFN-48-31
TLE9266-2QX
Data Sheet
5
Rev. 1.1, 2014-02-01
System Basis Chip
TLE9266-2QX
1Overview
Features
Very low quiescent current consumption in Stop- and Sleep Mode
Periodic cyclic sense in Normal-, Stop- and Sleep Mode
Periodic cyclic wake in Normal- and Stop Mode
Low-Drop Voltage Regulator 5V, 250mA
Low-Drop Voltage Regulator 5V, 100mA, robust against short to VS
High-Speed CAN Transceiver ISO11898-2/5
LIN Transceiver LIN 2.2, J2602-2
Two Low-Side Outputs for Relay Drive with active zener clamping
Two High-Side Output 2Ω typ., Four High-Side Outputs 7Ω typ., e.g. for LED lighting, cyclic sensing, etc.
Four independent PWM generators and two On/Off Timers
Three universal High-Voltage Wake Inputs for voltage level monitoring with cyclic sense functionality
Alternate High-Voltage Measurement Function, e.g. for battery voltage sensing
One universal Low-Voltage Wake Input for voltage level monitoring with cyclic sense functionality
SYNC input for external cyclic sense control via microcontroller
Reset Output and Fail Output
Over temperature and short circuit protection feature
Wide input voltage and temperature range
Green Product (RoHS compliant) & AEC Qualified
Description
The TLE9266-2QX is a monolithic integrated circuit in an exposed pad VQFN-48 (7mm x 7mm) power package.
The device is designed for various CAN-LIN automotive body applications as a main supply for the microcontroller
and as an interface for a CAN and LIN bus network
To support these applications, the System Basis Chip (SBC) provides the main functions, such as a 5V low-
dropout voltage regulator (LDO) for microcontroller supply, a 5V low-dropout voltage regulator with short circuit
protection against supply voltage VS for e.g. sensor supply, HS-CAN transceiver and LIN transceiver for data
transmission, Low- and High-Side switches providing protective functions, and a 16-bit Serial Peripheral Interface
(SPI) to control and monitor the device. Also implemented are a Window Watchdog circuit with a reset feature, a
Fail Output and an under voltage reset feature.
The device offers low-power modes in order to support applications that are permanently connected to the battery.
A wake up from the low-power mode is possible via a message on the buses, via the bi-level sensitive
monitoring/wake-up inputs as well as via cyclic wake. The device is designed to withstand the severe conditions
of automotive applications.


Similar Part No. - TLE9266-2QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9266QX INFINEON-TLE9266QX Datasheet
5Mb / 126P
   Very low quiescent current consumption in Stop- and Sleep Mode
More results

Similar Description - TLE9266-2QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9263-3QXV33 INFINEON-TLE9263-3QXV33 Datasheet
7Mb / 199P
   Very low quiescent current consumption in Stop- and Sleep Mode
TLE9266QX INFINEON-TLE9266QX Datasheet
5Mb / 126P
   Very low quiescent current consumption in Stop- and Sleep Mode
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
ATAR080 ATMEL-ATAR080_14 Datasheet
883Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
logo
IK Semicon Co., Ltd
ILA7050N IKSEMICON-ILA7050N Datasheet
149Kb / 3P
   Very low quiescent current
logo
Infineon Technologies A...
TLE42794 INFINEON-TLE42794_14 Datasheet
1Mb / 32P
   Very low Current Consumption
TLE42754 INFINEON-TLE42754_14 Datasheet
1Mb / 29P
   Very low Current Consumption
TLE42744 INFINEON-TLE42744_14 Datasheet
1Mb / 21P
   Very Low Current Consumption
logo
ILSI America LLC
ISM36 ILSI-ISM36 Datasheet
125Kb / 2P
   Very Low Current Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com