Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM40216L-1 Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM40216L-1
Description  40 Character x 2 Lines LED Backlight
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM40216L-1 Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM40216L-1_15 Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 83
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
POWER SUPPLY CURRENT
I DD
VDD=5.0V
-
1.21
3.0
mA
POWER SUPPLY FOR LCD
V DD-VLA
T =25°C
4.2
4.7
5.2
V
LED FORWARD Vtg (White)
V
I
F
F=40mA
4.3
4.6
4.9
V
(Yellow/green)
I F=260mA
3.85
4.05 4.25
BRIGHTNESS (White LED)
L
IF=40mA
-
135
-
cd/m2
(Yellow/green LED )
iF=260mA
80
100
-
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
V DD-VSS
07.0
V
SUPPLY VOLTAGE FOR LCD
V DD-VL
0
13.5
V
OPERATING TEMPERATURE
T OP
050
°C
STORAGE TEMPERATURE
T STG
-20
70
°C
LED REVERSE VOLTAGE (White)
V
-5
V
R
(Yellow)
-
8
LED POWER
(White)
PD
mW
(Yellow)
Physical Data
Module Size ................................182.0W x 33.5H x 13.6T mm
Viewing Area Size.....................................154.4W x 15.8H mm
Features
Character Format .................................. 5x7 Dots with Cursor
Backlight...................................................White or Yellow LED
Options.................................TN/Gray STN/Yellow STN, FSTN
12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
Block Diagram
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1VSS
-0V
Power supply
2VDD
-5V
3VL
--
4
RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6
E
H
Enable signal
7
D0
H/L
Data bus
8
D1
H/L
9
D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
15
A
-
Anode for LED backlight
16
K
-
Cathode for LED backlight
D0 - D7
E
R/W
RS
V
V
L
DD
VSS
K
A
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
COM 16
SEG 40
4 DRIVERs
CONTROL 4
40
40
40
40
LED BACKLIGHT
Dimensional Drawing
40 Character x 2 Lines, LED Backlight
HDM40216L-1
-
--200
-
-
1100
RESISTOR SUPPLIED BY USER


Similar Part No. - HDM40216L-1_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM40216L-1-L30S HANTRONIX-HDM40216L-1-L30S Datasheet
48Kb / 2P
   40 Character x 2 Lines, LED Backlight
HDM40216L-1-Y10S HANTRONIX-HDM40216L-1-Y10S Datasheet
48Kb / 2P
   40 Character x 2 Lines, LED Backlight
More results

Similar Description - HDM40216L-1_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM40216L HANTRONIX-HDM40216L_15 Datasheet
46Kb / 1P
   40 Character x 2 Lines LED Backlight
HDM40216L HANTRONIX-HDM40216L Datasheet
31Kb / 1P
   40 Character x 2 Lines, LED Backlight
HDM40216L-1-L30S HANTRONIX-HDM40216L-1-L30S Datasheet
48Kb / 2P
   40 Character x 2 Lines, LED Backlight
HDM40216L-1-Y10S HANTRONIX-HDM40216L-1-Y10S Datasheet
48Kb / 2P
   40 Character x 2 Lines, LED Backlight
HDM40416L-4 HANTRONIX-HDM40416L-4 Datasheet
33Kb / 1P
   40 Character x 4 Lines, LED Backlight
HDM40416L-4-G30S HANTRONIX-HDM40416L-4-G30S Datasheet
36Kb / 2P
   40 Character x 4 Lines, LED Backlight
HDM20416L-1-E30S HANTRONIX-HDM20416L-1-E30S Datasheet
36Kb / 2P
   40 Character x 4 Lines, LED Backlight
HDM40416L-4-L30S HANTRONIX-HDM40416L-4-L30S Datasheet
36Kb / 2P
   40 Character x 4 Lines, LED Backlight
HDM08216L HANTRONIX-HDM08216L Datasheet
28Kb / 1P
   8 Character x 2 Lines LED Backlight
HDM08216L-3 HANTRONIX-HDM08216L-3 Datasheet
30Kb / 1P
   8 Character x 2 Lines LED Backlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com