Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDA570V-GH Datasheet(PDF) 3 Page - Hantronix,Inc

Part # HDA570V-GH
Description  5.7 VGA, TFT Transmissive Color White LED Backlight
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDA570V-GH Datasheet(HTML) 3 Page - Hantronix,Inc

  HDA570V-GH_15 Datasheet HTML 1Page - Hantronix,Inc HDA570V-GH_15 Datasheet HTML 2Page - Hantronix,Inc HDA570V-GH_15 Datasheet HTML 3Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensional Drawing
5.7”, VGA, TFT, Transmissive Color, White LED Backlight
HDA570VT-GH
TOUCH SCREEN OPTION
TOUCH SCREEN OPTION


Similar Part No. - HDA570V-GH_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA570V-GHL HANTRONIX-HDA570V-GHL_15 Datasheet
659Kb / 19P
   VGA(640X480) TFT COLOR GRAPHICS LCD DISPLAY MODULE
More results

Similar Description - HDA570V-GH_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA570VT-V HANTRONIX-HDA570VT-V Datasheet
158Kb / 4P
   5.7, VGA, TFT, Transmissive Color, White LED Backlight
logo
Kyocera Kinseki Corpota...
TCG057VGLBA-G20 KSS-TCG057VGLBA-G20 Datasheet
451Kb / 23P
   5.7 inch VGA transmissive color TFT with LED backlight
TCG057VGLAAANN-GN20 KSS-TCG057VGLAAANN-GN20 Datasheet
691Kb / 20P
   5.7 inch VGA transmissive color TFT with LED backlight
TCG057VGLCS-H50 KSS-TCG057VGLCS-H50 Datasheet
344Kb / 20P
   5.7 inch VGA transmissive color TFT with LED backlight
TCG057VGLGA-G00 KSS-TCG057VGLGA-G00 Datasheet
788Kb / 21P
   5.7 inch VGA transmissive color TFT with LED backlight
logo
Hantronix,Inc
HDA570C-G HANTRONIX-HDA570C-G_15 Datasheet
48Kb / 1P
   5.7 QVGA, TFT (With Controller) Transmissive Color White LED Backlight
logo
Kyocera Kinseki Corpota...
TCG057QVLBA-G20 KSS-TCG057QVLBA-G20 Datasheet
466Kb / 23P
   5.7 inch QVGA transmissive color TFT with LED backlight
TCG057QVLGA-G00 KSS-TCG057QVLGA-G00 Datasheet
355Kb / 21P
   5.7 inch QVGA transmissive color TFT with LED backlight
logo
Hantronix,Inc
HDA570S-VH HANTRONIX-HDA570S-VH Datasheet
151Kb / 3P
   5.7??, QVGA (TFT) Color Graphics ,White LED Backlight
logo
Kyocera Kinseki Corpota...
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
346Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com