Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N70KL-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N70KL-TA3-T
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N70KL-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  4N70KL-TA3-T Datasheet HTML 1Page - Unisonic Technologies 4N70KL-TA3-T Datasheet HTML 2Page - Unisonic Technologies 4N70KL-TA3-T Datasheet HTML 3Page - Unisonic Technologies 4N70KL-TA3-T Datasheet HTML 4Page - Unisonic Technologies 4N70KL-TA3-T Datasheet HTML 5Page - Unisonic Technologies 4N70KL-TA3-T Datasheet HTML 6Page - Unisonic Technologies 4N70KL-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N70K-MT
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-037.C
4.4A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N70K-MT is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and high rugged
avalanche. This high speed switching power MOSFET is usually
used in power supplies, PWM motor controls, high efficient DC to
DC converters and bridge circuits.
FEATURES
* RDS(ON) < 3.2Ω @ VGS = 10 V, ID = 2.2 A
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL


Similar Part No. - 4N70KL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N70KL-T2Q-T UTC-4N70KL-T2Q-T Datasheet
271Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N70KL-TF1-T UTC-4N70KL-TF1-T Datasheet
271Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N70KL-TF2-T UTC-4N70KL-TF2-T Datasheet
271Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N70KL-TF3-T UTC-4N70KL-TF3-T Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
4N70KL-TF3-T UTC-4N70KL-TF3-T Datasheet
231Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N70KL-TA3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com