Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9N50K-MT Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9N50K-MT
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N50K-MT Datasheet(HTML) 1 Page - Unisonic Technologies

  9N50K-MT Datasheet HTML 1Page - Unisonic Technologies 9N50K-MT Datasheet HTML 2Page - Unisonic Technologies 9N50K-MT Datasheet HTML 3Page - Unisonic Technologies 9N50K-MT Datasheet HTML 4Page - Unisonic Technologies 9N50K-MT Datasheet HTML 5Page - Unisonic Technologies 9N50K-MT Datasheet HTML 6Page - Unisonic Technologies 9N50K-MT Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9N50K-MT
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-016.D
9A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 9N50K-MT is an N-channel mode power MOSFET
using UTC’s advanced technology to provide customers planar
stripe and DMOS technology. This technology allows a minimum
on-state resistance, superior switching performance. It also can
withstand high energy pulse in the avalanche and commutation
mode.
The UTC 9N50K-MT is generally applied in high efficiency switch
mode power supplies, active power factor correction and electronic
lamp ballasts based on half bridge topology.
FEATURES
* RDS(ON) < 0.85Ω @ VGS = 10 V, ID = 4.5 A
* High Switching Speed
* Improved dv/dt Capability
* 100% Avalanche Tested
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
9N50KL-TA3-T
9N50KG-TA3-T
TO-220
G
D
S
Tube
9N50KL-TF3-T
9N50KG-TF3-T
TO-220F
G
D
S
Tube
9N50KL-TF1-T
9N50KG-TF1-T
TO-220F1
G
D
S
Tube
9N50KL-TF2-T
9N50KG-TF2-T
TO-220F2
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube
(2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1,
TF2: TO-220F2
(3) L: Lead Free, G: Halogen Free and Lead Free
9N50KL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - 9N50K-MT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N50 UTC-9N50 Datasheet
180Kb / 6P
   9A, 500V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
9N50 ISC-9N50 Datasheet
54Kb / 2P
   Fast Switching Speed
logo
VBsemi Electronics Co.,...
9N50 VBSEMI-9N50 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
9N50B YFWDIODE-9N50B Datasheet
765Kb / 5P
   9A 500V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
9N50C FAIRCHILD-9N50C Datasheet
845Kb / 10P
   500V N-Channel MOSFET
More results

Similar Description - 9N50K-MT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com