Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14N65K-MT Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 14N65K-MT
Description  N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N65K-MT Datasheet(HTML) 2 Page - Unisonic Technologies

  14N65K-MT Datasheet HTML 1Page - Unisonic Technologies 14N65K-MT Datasheet HTML 2Page - Unisonic Technologies 14N65K-MT Datasheet HTML 3Page - Unisonic Technologies 14N65K-MT Datasheet HTML 4Page - Unisonic Technologies 14N65K-MT Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
14N65K-MT
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-B11.d
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
14
A
Pulsed Drain Current (Note 2)
IDM
48
A
Avalanche Current (Note 2)
IAR
14
A
Single Pulsed Avalanche Energy (Note 3)
EAS
325
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation (TC=25°C)
PD
150
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 3.31mH, IAS = 14A, VDD = 50V, RG= 25Ω, Starting TJ = 25°C
4. ISD≤14A, di/dt ≤200A/μs, VDD≤ BVDSS, Starting TJ= 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
0.83
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250 μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 650V, VGS = 0V
10
μA
VGS = 30V, VDS = 0V
100
nA
Gate-Source Leakage Current
IGSS
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ ID=250mA,Referenced to 25°C
0.5
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 7A
0.63
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
980
pF
Output Capacitance
COSS
185
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0MHz
10
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
89
nS
Turn-On Rise Time
tR
116
nS
Turn-Off Delay Time
tD(OFF)
388
nS
Turn-Off Fall Time
tF
VDS=30V, ID=0.5A, RG=25Ω
(Note 1, 2)
145
nS
Total Gate Charge
QG
47
nC
Gate-Source Charge
QGS
12.2
nC
Gate-Drain Charge
QGD
VGS=10V, VDS=50V, ID=1.3A
(Note 1, 2)
11.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0V, IS = 14A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
14
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
56
A
Notes: 1. Pulse Test : Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating ambient temperature


Similar Part No. - 14N65K-MT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N65-TC UTC-14N65-TC Datasheet
396Kb / 9P
   14A, 650V N-CHANNEL POWER MOSFET
2019
14N65G-TF1-T UTC-14N65G-TF1-T Datasheet
396Kb / 9P
   14A, 650V N-CHANNEL POWER MOSFET
2019
14N65G-TF3T-T UTC-14N65G-TF3T-T Datasheet
396Kb / 9P
   14A, 650V N-CHANNEL POWER MOSFET
2019
14N65G-TQ2-R UTC-14N65G-TQ2-R Datasheet
396Kb / 9P
   14A, 650V N-CHANNEL POWER MOSFET
2019
14N65G-TQ2-T UTC-14N65G-TQ2-T Datasheet
396Kb / 9P
   14A, 650V N-CHANNEL POWER MOSFET
2019
More results

Similar Description - 14N65K-MT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com