Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT825 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FT825
Description  Primary-Side Control LED Driver with High PFC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT825 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FT825 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT825 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT825 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT825 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT825 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT825 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT825 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT825 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT825 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Fremont Micro Devices
Preliminary FT825
© 2013 Fremont Micro Devices Inc.
Confidential Rev0.82
DS825-A-page6
ELECTRICAL CHARACTERISTICS
(Tj = 25°C, VCC = 16V, unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VCC
Operating Range
After turn-on
9.5
20
V
VCCon
Turn-on Threshold
17.8
V
VCCoff
Turn-off Threshold
9.2
V
VCCOVP
VCC over Voltage
24
V
SUPPLY CURRENT
Istart-up
Start-up Current
Before turn-on,VCC= 16V
6
uA
Iq
Quiescent Current
After turn-on, No switch
1.3
mA
Icc
Operating Supply
Current
@ 70 kHz
1.8
mA
MULTIPLIER INPUT
IMULT
Input Bias Current
VMULT = 0 to 3 V
-1
uA
VMULT
Linear Operation
Range
0 to 3
V
VCS/△VMULT
Output Max Slope
VMULT = 0 to 1V
VCOMP = Upper clamp
2.4
V/V
K
Gain (1)
VMULT = 1 V, VCOMP = 3 V
0.72
1/V
ERROR AMPLIFIER
VFB
Voltage Feedback
Input Threshold
0.4
V
VEA
Voltage Gain
400
V/V
GEA
Transconductance
100
100uA/V
Source Current
45
uA
ICOMP
Sink Current
-65
uA
Upper Clamp Voltage
5.2
V
VCOMP
Lower Clamp Voltage
1.2
V
CURRENT SENSE COMPARATOR
td (H-L)
Delay to Output
100
ns
VCS clamp
Current Sense
Reference Clamp
2.4
V


Similar Part No. - FT825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT821X ETC2-FT821X Datasheet
198Kb / 6P
   The FT821x is a current-mode PFC controller operating in Transition Mode (TM). The FT821x has rich protections.
FT822 ETC2-FT822 Datasheet
276Kb / 6P
   The FT822 is a current-mode control PFC LED driver IC.
FT8260 ETC2-FT8260 Datasheet
444Kb / 16P
   PSR Single-Stage AC-DC LED Driver with High PF
More results

Similar Description - FT825

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19704 TSC-TS19704 Datasheet
160Kb / 7P
   Single-Stage Primary-Side Control with High PFC LED Driver
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
   Primary Side Control Offline LED Controller with Active PFC
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
   Primary-Side-Control, Offline LED Controller with Active PFC
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
   Single-Stage PFC Primary-Side-Regulation LED Driver
logo
Monolithic Power System...
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com