Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA029N06N Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPA029N06N
Description  Superior thermal resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA029N06N Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPA029N06N Datasheet HTML 3Page - Infineon Technologies AG IPA029N06N Datasheet HTML 4Page - Infineon Technologies AG IPA029N06N Datasheet HTML 5Page - Infineon Technologies AG IPA029N06N Datasheet HTML 6Page - Infineon Technologies AG IPA029N06N Datasheet HTML 7Page - Infineon Technologies AG IPA029N06N Datasheet HTML 8Page - Infineon Technologies AG IPA029N06N Datasheet HTML 9Page - Infineon Technologies AG IPA029N06N Datasheet HTML 10Page - Infineon Technologies AG IPA029N06N Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
OptiMOSTMPower-Transistor,60V
IPA029N06N
Rev.2.2,2015-04-09
Final Data Sheet
Diagram9:Drain-sourceon-stateresistance
Tj[°C]
-60
-20
20
60
100
140
180
0
1
2
3
4
5
6
max
typ
RDS(on)=f(Tj);ID=84A;VGS=10V
Diagram10:Typ.gatethresholdvoltage
Tj[°C]
-60
-20
20
60
100
140
180
0
1
2
3
4
5
750 µA
75 µA
VGS(th)=f(Tj);VGS=VDS
Diagram11:Typ.capacitances
VDS[V]
0
20
40
60
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram12:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
100
101
102
103
25 °C
175 °C
IF=f(VSD);parameter:Tj


Similar Part No. - IPA029N06N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPA029N06N ISC-IPA029N06N Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPA029N06NM5S INFINEON-IPA029N06NM5S Datasheet
1Mb / 10P
   OptiMOSTM 5 Power-Transistor, 60 V
Rev.2.1,2019-09-02
More results

Similar Description - IPA029N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC098N10NS5 INFINEON-BSC098N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N10NS5 INFINEON-BSC040N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.1,2015-01-07
IPA040N06N INFINEON-IPA040N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1,2014-06-19
BSC035N10NS5 INFINEON-BSC035N10NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N08NS5 INFINEON-BSC040N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
BSC072N08NS5 INFINEON-BSC072N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
BSC037N08NS5 INFINEON-BSC037N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
IPA060N06N INFINEON-IPA060N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1
BSC030N08NS5 INFINEON-BSC030N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.2,2014-11-10
BSC052N08NS5 INFINEON-BSC052N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com