Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW60R190E6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPW60R190E6
Description  600V CoolMOS™ E6 Power Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R190E6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPW60R190E6 Datasheet HTML 1Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 2Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 3Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 4Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 5Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 6Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 7Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 8Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
.
0**L ;]]ZDEIk =0 F]eS` J`O\aWab]`
AFM0*H+3*=0& AFF0*H+3*=0& AF80*H+3*=0
HSd( ,(%& ,*+.'#$'"$
=W\OZ ;ObO JVSSb
*
BPfX\c\ `PbX]Va
Ob ,X 6 ,/i;& c\ZSaa ]bVS`eWaS a^SQWTWSR
HPQ[T *
BPfX\c\ `PbX]Va
JP[cTa
BX]&
Hg_&
BPf&
EP`P\TbT`
Gg\Q^[
I]Xb
C^bT ' HTab 7^]SXbX^]
9]\bW\c]ca R`OW\ Qc``S\b
+%
( <
,*(,
7
,; 6 ,/i;
+,(2
,; 6 +**i;
GcZaSR R`OW\ Qc``S\b
,%
( <m^cZaS
/3
7
,; 6 ,/i;
7dOZO\QVS S\S`Ug& aW\UZS ^cZaS
'8I
.+2
[A
(< 6 -(.8& -<< 6 /*L
$aSS bOPZS ++%
7dOZO\QVS S\S`Ug& `S^SbWbWdS
'8H
*(0-
[A
(< 6 -(.8& -<< 6 /*L
7dOZO\QVS Qc``S\b& `S^SbWbWdS
( 8H
-(.
7
DFJ=<K Rd)Rb `cUUSR\Saa
Rd)Rb
/*
L)\a
-<I 6 * ((( .2*L
>ObS a]c`QS d]ZbOUS
-?I
',*
,*
L
abObWQ
'-*
-*
79 $T 5 + ?h%
G]eS` RWaaW^ObW]\ $\]\ =cZZG7B%
KF',.1& KF',,*
)b]b
+/+(*
M
,; 6 ,/i;
G]eS` RWaaW^ObW]\ $=cZZG7B%
KF',,* =G
)b]b
-.(*
M
,; 6 ,/i;
F^S`ObW\U O\R ab]`OUS bS[^S`Obc`S
,Xm,abU
'//
+/*
i9
D]c\bW\U b]`_cS $\]\ =cZZG7B%
KF',.1& KF',,*
0*
EQ[
D- O\R D-(/ aQ`Sea
D]c\bW\U b]`_cS $=cZZG7B%
KF',,* =G
/*
EQ[
D,(/ aQ`Sea
9]\bW\c]ca RW]RS T]`eO`R Qc``S\b
( I
+1(/
7
,; 6 ,/i;
;W]RS ^cZaS Qc``S\b
( Im^cZaS
/3
7
,; 6 ,/i;
ISdS`aS RW]RS Rd)Rb
-%
Rd)Rb
+/
L)\a
-<I 6 * ((( .**L& (I< £ (<&
,X 6 ,/i;
$aSS bOPZS 3%
DOfW[c[ RW]RS Q][[cbObW]\ a^SSR
RWT)Rb
/**
7)ja
+% CW[WbSR Pg KX [Of( DOfW[c[ Rcbg QgQZS ;4*(1/
,% GcZaS eWRbV b^ ZW[WbSR Pg KX [Of
-% @RS\bWQOZ Z]e aWRS O\R VWUV aWRS aeWbQV eWbV WRS\bWQOZ I>


Similar Part No. - IPW60R190E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R190E6 INFINEON-IPW60R190E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-05-03
IPW60R190E6 INFINEON-IPW60R190E6 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
logo
Inchange Semiconductor ...
IPW60R190E6 ISC-IPW60R190E6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW60R190E6 INFINEON-IPW60R190E6_15 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
More results

Similar Description - IPW60R190E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R190E6 INFINEON-IPW60R190E6_15 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPP60R190E615 INFINEON-IPP60R190E615 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPP60R190E6 INFINEON-IPP60R190E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-05-03
IPD60R600E6 INFINEON-IPD60R600E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-12
IPD60R450E6 INFINEON-IPD60R450E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-26 revision:2.0
IPD60R750E6 INFINEON-IPD60R750E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-23 revision:2.0
IPP60R280E6 INFINEON-IPP60R280E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R380E6 INFINEON-IPP60R380E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R520E6 INFINEON-IPP60R520E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPA65R190E6 INFINEON-IPA65R190E6 Datasheet
2Mb / 19P
   650V CoolMOS??E6 Power Transistor
Rev. 2.0, 2011-05-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com