Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW60R190E6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPW60R190E6
Description  600V CoolMOS™ E6 Power Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R190E6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPW60R190E6 Datasheet HTML 1Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 2Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 3Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 4Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 5Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 6Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 7Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 8Page - Infineon Technologies AG IPW60R190E6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
,
0**L ;]]ZDEIk =0 F]eS` J`O\aWab]`
AFM0*H+3*=0& AFF0*H+3*=0& AF80*H+3*=0
HSd( ,(%& ,*+.'#$'"$
=W\OZ ;ObO JVSSb
JE',.1
#!"
JE',,*
JE',,* >F
&2+/0
)/0 $
'+3.
)/0 #
*142,.
)/0 %
)
8TaR`X_bX^]
;]]ZDEIk Wa O `Sd]ZcbW]\O`g bSQV\]Z]Ug T]` VWUV d]ZbOUS ^]eS`
DEI>=Ja& RSaWU\SR OQQ]`RW\U b] bVS ac^S`Xc\QbW]\ #IB$ ^`W\QW^ZS O\R
^W]\SS`SR Pg A\TW\S]\ JSQV\]Z]UWSa( ;]]ZDEIk =0 aS`WSa Q][PW\Sa bVS
Sf^S`WS\QS ]T bVS ZSORW\U IB DEI>=J ac^^ZWS` eWbV VWUV QZOaa W\\]dObW]\(
JVS `SacZbW\U RSdWQSa ^`]dWRS OZZ PS\STWba ]T O TOab aeWbQVW\U IB DEI>=J
eVWZS \]b aOQ`WTWQW\U SOaS ]T caS( =fb`S[SZg Z]e aeWbQVW\U O\R Q]\RcQbW]\
Z]aaSa [OYS aeWbQVW\U O^^ZWQObW]\a SdS\ []`S STTWQWS\b& []`S Q][^OQb&
ZWUVbS` O\R Q]]ZS`(
;TPbc`Ta
j =fb`S[SZg Z]e Z]aaSa RcS b] dS`g Z]e >ED HRa]\%GU O\R =]aa
j LS`g VWUV Q][[cbObW]\ `cUUSR\Saa
j =Oag b] caS)R`WdS
j FP'T`SS ^ZObW\U& @OZ]US\ T`SS []ZR Q][^]c\R
j GcOZWTWSR T]` W\Rcab`WOZ U`ORS O^^ZWQObW]\a OQQ]`RW\U b] B=<=; #B'IJ<,*
O\R B=I<,,$
5__[XRPbX^]a
F>; abOUSa& VO`R aeWbQVW\U FMD abOUSa O\R `Sa]\O\b aeWbQVW\U FMD
abOUSa T]` S(U( F; IWZdS`P]f& 8RO^bS`& C;< " F<F JL& CWUVbW\U& IS`dS`&
JSZSQ][ O\R KFI(
HPQ[T )
@Tg ET`U^`\P]RT EP`P\TbT`a
EP`P\TbT`
JP[cT
I]Xb
L;J 6 KX [Of
0/*
L
I;J$]\%&[Of
*(+3
W
HU&bg^
0-
\9
@;&^cZaS
/3
7
<]aa 6 .**L
/(,
jA
8]Rg RW]RS RW)Rb
/**
7)ja
Hg_T ' D`ST`X]V 7^ST
EPRZPVT
BP`ZX]V
FT[PbTS AX]Za
@GM0*I+3*<0
G>'KF ,.1
@GG0*I+3*<0
G>'KF ,,*
@G70*I+3*<0
G>'KF ,,* =cZZG7B
0I+3*<0
aSS 7^^S\RWf 7


Similar Part No. - IPW60R190E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R190E6 INFINEON-IPW60R190E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-05-03
IPW60R190E6 INFINEON-IPW60R190E6 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
logo
Inchange Semiconductor ...
IPW60R190E6 ISC-IPW60R190E6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW60R190E6 INFINEON-IPW60R190E6_15 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
More results

Similar Description - IPW60R190E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R190E6 INFINEON-IPW60R190E6_15 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPP60R190E615 INFINEON-IPP60R190E615 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPP60R190E6 INFINEON-IPP60R190E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-05-03
IPD60R600E6 INFINEON-IPD60R600E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-12
IPD60R450E6 INFINEON-IPD60R450E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-26 revision:2.0
IPD60R750E6 INFINEON-IPD60R750E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-23 revision:2.0
IPP60R280E6 INFINEON-IPP60R280E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R380E6 INFINEON-IPP60R380E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R520E6 INFINEON-IPP60R520E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPA65R190E6 INFINEON-IPA65R190E6 Datasheet
2Mb / 19P
   650V CoolMOS??E6 Power Transistor
Rev. 2.0, 2011-05-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com