Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43601-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM43601-Q1
Description  LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM43601-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM43601-Q1_15 Datasheet HTML 1Page - Texas Instruments LM43601-Q1_15 Datasheet HTML 2Page - Texas Instruments LM43601-Q1_15 Datasheet HTML 3Page - Texas Instruments LM43601-Q1_15 Datasheet HTML 4Page - Texas Instruments LM43601-Q1_15 Datasheet HTML 5Page - Texas Instruments LM43601-Q1_15 Datasheet HTML 6Page - Texas Instruments LM43601-Q1_15 Datasheet HTML 7Page - Texas Instruments LM43601-Q1_15 Datasheet HTML 8Page - Texas Instruments LM43601-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
PGOOD
EN
SS/TRK
AGND
FB
SW
PGND
VIN
PAD
1
16
2
3
4
5
6
8
7
9
15
14
13
12
11
10
LM43601-Q1
www.ti.com
SNVSAA0A – JULY 2015 – REVISED AUGUST 2015
6 Pin Configuration and Functions
16-Pin HTSSOP (PWP)
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
I/O (1)
Switching output of the regulator. Internally connected to both power MOSFETs. Connect to
SW
1,2
P
power inductor.
Boot-strap capacitor connection for high-side driver. Connect a high quality 470 nF capacitor from
CBOOT
3
P
CBOOT to SW.
Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND. Do not
VCC
4
P
connect external load to this pin. Never short this pin to ground during operation.
Optional internal LDO supply input. To improve efficiency, it is recommended to tie to VOUT when
BIAS
5
P
3.3 V
≤ VOUT ≤ 28 V, or tie to an external 3.3 V or 5 V rail if available. When used, place a bypass
capacitor (1 to 10 µF) from this pin to ground. Tie to ground when not in use. Do not float
Clock input to synchronize switching action to an external clock. Use proper high speed
SYNC
6
A
termination to prevent ringing. Connect to ground if not used. Do not float.
Connect a resistor RT from this pin to AGND to program switching frequency. Leave floating for
RT
7
A
500 kHz default switching frequency.
Open drain output for power-good flag. Use a 10 k
Ω to 100 kΩ pull-up resistor to logic rail or other
PGOOD
8
A
DC voltage no higher than 12 V.
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT. Do not short
FB
9
A
this pin to ground during operation.
AGND
10
G
Analog ground pin. Ground reference for internal references and logic. Connect to system ground.
Soft-start control pin. Leave floating for internal soft-start slew rate. Connect to a capacitor to
SS/TRK
11
A
extend soft start time. Connect to external voltage ramp for tracking.
Enable input to the LM43601-Q1: High = ON and low = OFF. Connect to VIN, or to VIN through
EN
12
A
resistor divider,or to an external voltage or logic source. Do not float.
Supply input pins to internal LDO and high side power FET. Connect to power supply and bypass
VIN
13,14
P
capacitors CIN. Path from VIN pin to high frequency bypass CIN and PGND must be as short as
possible.
Power ground pins, connected internally to the low side power FET. Connect to system ground,
PGND
15,16
G
PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as possible.
Low impedance connection to AGND. Connect to PGND on PCB . Major heat dissipation path of
PAD
-
G
the die. Must be used for heat sinking to ground plane on PCB.
(1)
P = Power, G = Ground, A = Analog
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM43601-Q1


Similar Part No. - LM43601-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM43601-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23610 TI1-LMR23610 Datasheet
148Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com