Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP120N10S4-03 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP120N10S4-03
Description  N-channel - Normal Level - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP120N10S4-03 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP120N10S4-03 Datasheet HTML 1Page - Infineon Technologies AG IPP120N10S4-03 Datasheet HTML 2Page - Infineon Technologies AG IPP120N10S4-03 Datasheet HTML 3Page - Infineon Technologies AG IPP120N10S4-03 Datasheet HTML 4Page - Infineon Technologies AG IPP120N10S4-03 Datasheet HTML 5Page - Infineon Technologies AG IPP120N10S4-03 Datasheet HTML 6Page - Infineon Technologies AG IPP120N10S4-03 Datasheet HTML 7Page - Infineon Technologies AG IPP120N10S4-03 Datasheet HTML 8Page - Infineon Technologies AG IPP120N10S4-03 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IPB120N10S4-03
IPI120N10S4-03, IPP120N10S4-03
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D = f(V DS); T j = 25 °C; SMD
R DS(on) = f(I D); T j = 25 °C; SMD
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. drain-source on-state resistance
I D = f(V GS); V DS = 6V
R DS(on) = f(T j); I D = 100 A; V GS = 10 V; SMD
parameter: T j
2
3
4
5
6
7
-60
-20
20
60
100
140
180
T
j [°C]
5 V
5.5 V
6 V
7 V
10 V
0
120
240
360
480
0
1
2
3
4
5
V
DS [V]
5 V
5.5 V
6 V
7 V
10 V
2
4
6
8
10
0
120
240
360
480
I
D [A]
-55 °C
25 °C
175 °C
0
120
240
360
480
3
4
5
6
7
V
GS [V]
Rev. 1.0
page 5
2014-06-30


Similar Part No. - IPP120N10S4-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP120N10S4-05 INFINEON-IPP120N10S4-05 Datasheet
392Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev.1.0 2014-07-01
More results

Similar Description - IPP120N10S4-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZ40N04S5-3R1 INFINEON-IPZ40N04S5-3R1_15 Datasheet
316Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPZ40N04S5-5R4 INFINEON-IPZ40N04S5-5R4_15 Datasheet
323Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPD90N10S4-06 INFINEON-IPD90N10S4-06 Datasheet
266Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPD60N10S4-12 INFINEON-IPD60N10S4-12 Datasheet
291Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPZ40N04S5-8R4 INFINEON-IPZ40N04S5-8R4_15 Datasheet
328Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPB120N10S4-05 INFINEON-IPB120N10S4-05 Datasheet
392Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev.1.0 2014-07-01
IPB180N10S4-03 INFINEON-IPB180N10S4-03 Datasheet
262Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPG20N06S4-15A INFINEON-IPG20N06S4-15A_15 Datasheet
278Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2015-09-17
IPG20N10S4-36A INFINEON-IPG20N10S4-36A_15 Datasheet
275Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.1 2015-04-13
IPG16N10S4-61A INFINEON-IPG16N10S4-61A Datasheet
201Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2013-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com