Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46002QPWPTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002QPWPTQ1
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002QPWPTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LM46002QPWPTQ1 Datasheet HTML 1Page - Texas Instruments LM46002QPWPTQ1 Datasheet HTML 2Page - Texas Instruments LM46002QPWPTQ1 Datasheet HTML 3Page - Texas Instruments LM46002QPWPTQ1 Datasheet HTML 4Page - Texas Instruments LM46002QPWPTQ1 Datasheet HTML 5Page - Texas Instruments LM46002QPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM46002QPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM46002QPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM46002QPWPTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
LM46002-Q1
SNVSAA2A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
-0.3
65
EN to PGND
-0.3
VIN + 0.3
FB, RT, SS/TRK to AGND
-0.3
3.6
Input Voltages
PGOOD to AGND
-0.3
15
V
SYNC to AGND
-0.3
5.5
BIAS to AGND
-0.3
30
AGND to PGND
-0.3
0.3
SW to PGND
-0.3
VIN + 0.3
SW to PGND less than 10ns Transients
-3.5
65
Output Voltages
V
CBOOT to SW
-0.3
5.5
VCC to AGND
-0.3
3.6
Storage temperature
Tstg
-65
+150
°C
range
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
3.5
60
EN
-0.3
VIN
FB
-0.3
1.1
Input Voltages
PGOOD
-0.3
12
V
BIAS input not used
-0.3
0.3
BIAS input used
3.3
28
AGND to PGND
-0.1
0.1
Output Voltage
VOUT
1.0
28
V
Output Current
IOUT
0
2
A
Temperature
Operating junction temperature range, TJ
-40
+125
°C
(1)
Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications, see Electrical Characteristics.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM46002-Q1


Similar Part No. - LM46002QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002QPWPTQ1 TI1-LM46002QPWPTQ1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46002QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com