Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM53601-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM53601-Q1
Description  LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM53601-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  LM53601-Q1 Datasheet HTML 1Page - Texas Instruments LM53601-Q1 Datasheet HTML 2Page - Texas Instruments LM53601-Q1 Datasheet HTML 3Page - Texas Instruments LM53601-Q1 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6
7
8
9
5
4
3
2
1
GND
10
SW
BOOT
VCC
FB
AGND
/RESET
EN
VIN
SYNC/
MODE
GND
6
7
8
9
5
4
3
2
1
GND
10
SW
BOOT
VCC
FB
BIAS
/RESET
EN
VIN
SYNC/
MODE
GND
LM53600-Q1, LM53601-Q1
SNAS660 – JUNE 2015
www.ti.com
4 Pin Configuration and Functions
DSX Package
DSX Package
10-Pin WSON
10-Pin WSON
Fixed Version Top View
Adjustable Version Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
1
SW
P
Regulator switch node. Connect to output inductor.
High-gate driver upper supply rail. Connect a 100nF capacitor from SW pin to BOOT. An
2
BOOT
I
internal diode charges the capacitor while SW node is low.
Internal 3V regulator output. Used as supply to internal control circuits. Connect a high
3
VCC
P
quality 1.0
μF capacitor from this pin to AGND for fixed versions or to GND for adjustable
versions.
FB (Fixed
Fixed version only, this pin serves as feedback for output voltage as well as power source for
I/P
Versions)
VCC’s regulator. Connect to output node. Bypass immediately adjacent to this pin to AGND.
4
FB (ADJ
ADJ version only, this pin serves as feedback for output voltage only. Connect to output
I
Version)
through a voltage divider which determines output voltage set point.
AGND (Fixed
G
Fixed versions only, this ground is the ground to which input signals and FB are compared.
Version)
5
BIAS (ADJ
Power source for VCC’s regulator. Connect to output node. Bypass immediately adjacent to
P
Version)
this pin.
Open drain reset output. Connect to suitable voltage supply through a current limiting pull up
6
RESET
O
resistor. High = regulator OK, Low = regulator fault. Will go low when EN = low. See detailed
description.
7
EN
I
Enable input to regulator. High = on, Low = off. Can be connected to Vin. Do not float.
Input supply to regulator. Connect input bypass capacitors directly between this pin and
8
VIN
I
GND.
This is a multifunction mode control input which is tolerant of voltages up to input voltage.
With a valid synchronization signal at this pin, the device will switch in forced PWM mode at
the external clock frequency and synchronize with it at the rising edge of the clock. See the
"Electrical Characteristics table" for synchronization signal specifications. With this input tied
9
SYNC/MODE
I
high, the device will switch at the internal clock frequency in forced PWM mode. With this
input tied low, the device will switch at the internal clock frequency in AUTO mode with diode
emulation at light load. Spread spectrum is disabled if there is a valid synchronization signal.
Do not float.
10
GND
G
Bypass to VIN immediately adjacent to this pin.
(1)
G = Ground, I = Input, O = Output, P = Power
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM53600-Q1 LM53601-Q1


Similar Part No. - LM53601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53601-Q1 TI-LM53601-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Similar Description - LM53601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com