Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC028N03L3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPC028N03L3
Description  N-channel enhancement mode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPC028N03L3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPC028N03L3 Datasheet HTML 1Page - Infineon Technologies AG IPC028N03L3 Datasheet HTML 2Page - Infineon Technologies AG IPC028N03L3 Datasheet HTML 3Page - Infineon Technologies AG IPC028N03L3 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
OptiMOS™3PowerMOSTransistorChip
IPC028N03L3
Rev.2.5,2014-07-23
Final Data Sheet
PowerMOSTransistorChip
Drain
Gate
Source
1Description
•N-channelenhancementmode
•FordynamiccharacterizationrefertothedatasheetofIPD060N03LG
•AQL0.65forvisualinspectionaccordingtofailurecatalogue
•ElectrostaticDischargeSensitiveDeviceaccordingtoMIL-STD883C
•Diebond:solderedorglued
•Backsidemetallization:NiVsystem
•Frontsidemetallization:AlCusystem
•Passivation:nitride+imide
Table1KeyPerformanceParameters
Parameter
Value
Unit
V(BR)DSS
30
V
RDS(on)
6.0
1)
m
Die size
2.26 x 1.24
mm
2
Thickness
175
µm
Type/OrderingCode
Package
Marking
RelatedLinks
IPC028N03L3
Chip
not defined
-
2ElectricalCharacteristicsonWaferLevel
atTj=25°C,unlessotherwisespecified
Table2
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
30
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
VGS(th)
1
-
2.2
V
VDS=VGS,ID=250µA
Zero gate voltage drain current
IDSS
-
0.1
2
µA
VGS=0V,VDS=30V
Gate-source leakage current
IGSS
-
10
100
nA
VGS=20V,VDS=0V
Drain-source on- resistance
RDS(on)
-
0.5
2)
50
3)
m
VGS=10V,ID=2.0A
Reverse diode forward on-voltage
VSD
-
0.86
1.1
V
VGS=0V,IF=1A
1) packaged in a PG-TO263-7 (see ref. product)
2)typicalbaredieRDS(on);VGS=10V,whenusedwith4x500µmAl-wedgedoublestitchbonding
3) limited by wafer test-equipment


Similar Part No. - IPC028N03L3

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPC02-16 PF-IPC02-16 Datasheet
316Kb / 5P
   RFID Transponder
IPC02-20P PF-IPC02-20P Datasheet
498Kb / 3P
   RFID Transponder
IPC02-26-T6 PF-IPC02-26-T6 Datasheet
742Kb / 3P
   RFID Transponder
IPC02-30P PF-IPC02-30P Datasheet
474Kb / 5P
   RFID Transponder
IPC02-50P PF-IPC02-50P Datasheet
584Kb / 5P
   RFID Transponder
More results

Similar Description - IPC028N03L3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com