Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR16006YQDDCRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMR16006YQDDCRQ1
Description  SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR16006YQDDCRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMR16006YQDDCRQ1 Datasheet HTML 4Page - Texas Instruments LMR16006YQDDCRQ1 Datasheet HTML 5Page - Texas Instruments LMR16006YQDDCRQ1 Datasheet HTML 6Page - Texas Instruments LMR16006YQDDCRQ1 Datasheet HTML 7Page - Texas Instruments LMR16006YQDDCRQ1 Datasheet HTML 8Page - Texas Instruments LMR16006YQDDCRQ1 Datasheet HTML 9Page - Texas Instruments LMR16006YQDDCRQ1 Datasheet HTML 10Page - Texas Instruments LMR16006YQDDCRQ1 Datasheet HTML 11Page - Texas Instruments LMR16006YQDDCRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LMR16006Y-Q1
SNVSAC1 – JUNE 2015
www.ti.com
8.3 Feature Description
8.3.1 Fixed Frequency PWM Control
The LMR16006Y-Q1 implements peak current mode control. The output voltage is compared through external
resistors on the FB pin to an internal voltage reference by an error amplifier which drives the internal COMP
node. An internal oscillator initiates the turn on of the high side power switch. The error amplifier output is
compared to the high side power switch current. When the power switch current reaches the level set by the
internal COMP voltage, the power switch is turned off. The internal COMP node voltage will increase and
decrease as the output current increases and decreases. The device implements a current limit by clamping the
COMP node voltage to a maximum level.
8.3.2 Bootstrap Voltage (CB)
The LMR16006Y-Q1 has an integrated boot regulator, and requires a small ceramic capacitor between the CB
and SW pins to provide the gate drive voltage for the high side MOSFET. The CB capacitor is refreshed when
the high side MOSFET is off and the low side diode conducts. To improve drop out, the LMR16006Y-Q1 is
designed to operate at 97% duty cycle as long as the CB to SW pin voltage is greater than 3 V. When the
voltage from CB to SW drops below 3 V, the high side MOSFET is turned off using an UVLO circuit which allows
the low side diode to conduct and refresh the charge on the CB capacitor. Since the supply current sourced from
the CB capacitor is low, the high side MOSFET can remain on for more switching cycles than are required to
refresh the capacitor, thus the effective duty cycle of the switching regulator is high. Attention must be taken in
maximum duty cycle applications with light load. To ensure SW can be pulled to ground to refresh the CB
capacitor, an internal circuit will charge the CB capacitor when the load is light or the device is working in dropout
condition.
8.3.3 Output Voltage Setting
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown on the
front page schematic. The feedback pin voltage 0.765 V, so the ratio of the feedback resistors sets the output
voltage according to the following equation: VOUT = 0.765 V (1 + (R1/R2)). Typically R2 will be given as 1 kΩ to
100 k
Ω for a starting value. To solve for R1 given R2 and VOUT use R1 = R2 ((VOUT/0.765 V) – 1).
8.3.4 Enable SHDN and VIN Undervoltage Lockout
LMR16006Y-Q1 SHDN pin is a high voltage tolerant input with an internal pull up circuit. The device can be
enabled even if the SHDN pin is floating. The regulator can also be turned on using 1.23 V or higher logic
signals. If the use of a higher voltage is desired due to system or other constraints, a 100 k
Ω or larger resistor is
recommended between the applied voltage and the SHDN pin to protect the device. When SHDN is pulled down
to 0 V, the chip is turned off and enters the lowest shutdown current mode. In shutdown mode the supply current
will be decreased to approximately 1 µA. If the shutdown function is not to be used the SHDN pin may be tied to
VIN via 100 kΩ resistor. The maximum voltage to the SHDN pin should not exceed 60 V. LMR16006Y-Q1 has an
internal UVLO circuit to shutdown the output if the input voltage falls below an internally fixed UVLO threshold
level. This ensures that the regulator is not latched into an unknown state during low input voltage conditions.
The regulator will power up when the input voltage exceeds the voltage level. If there is a requirement for a
higher UVLO voltage, the SHDN can be used to adjust the system UVLO by using external resistors.
8.3.5 Current Limit
The LMR16006Y-Q1 implements current mode control which uses the internal COMP voltage to turn off the high
side MOSFET on a cycle-by-cycle basis. Each cycle the switch current and internal COMP voltage are
compared, when the peak switch current intersects the COMP voltage, the high side switch is turned off. During
overcurrent conditions that pull the output voltage low, the error amplifier will respond by driving the COMP node
high, increasing the switch current. The error amplifier output is clamped internally, which functions as a switch
current limit.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMR16006Y-Q1


Similar Part No. - LMR16006YQDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006YDDCR TI1-LMR16006YDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006YDDCT TI1-LMR16006YDDCT Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
More results

Similar Description - LMR16006YQDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com