Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM3224NL-1 Datasheet(PDF) 10 Page - Hantronix,Inc

Part # HDM3224NL-1
Description  320 x240 MONOCHROME GRAPHICS LCD DISPLAY MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM3224NL-1 Datasheet(HTML) 10 Page - Hantronix,Inc

Back Button HDM3224NL-1_15 Datasheet HTML 5Page - Hantronix,Inc HDM3224NL-1_15 Datasheet HTML 6Page - Hantronix,Inc HDM3224NL-1_15 Datasheet HTML 7Page - Hantronix,Inc HDM3224NL-1_15 Datasheet HTML 8Page - Hantronix,Inc HDM3224NL-1_15 Datasheet HTML 9Page - Hantronix,Inc HDM3224NL-1_15 Datasheet HTML 10Page - Hantronix,Inc HDM3224NL-1_15 Datasheet HTML 11Page - Hantronix,Inc HDM3224NL-1_15 Datasheet HTML 12Page - Hantronix,Inc HDM3224NL-1_15 Datasheet HTML 13Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HANTRONIX, INC.
10080 BUBB RD.
CUPERTINO, CA 95014
DATE:
Q.A.:
REV.:
Z.W.
1.0
SHEET 10 OF 13
a.Viewing Angle:
Z
Y
,
1
=90
9H, =180
4
!
3H,
= 0
2
6H,
=270
b.Contrast Ratio (positive)
Brightness of non-selected wave-form
CR=
Brightness of selected wave-form
4. Reliability Test:
Equipment : Tenny
X,
12H,
3
b. Response Time
On
90%
10%
Off
Tr
Td
Time
HDM3224NL-1
5/7/09


Similar Part No. - HDM3224NL-1_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM3224N-1 HANTRONIX-HDM3224N-1 Datasheet
35Kb / 1P
   5.7 QVGA Graphic CCFL Backlight with Built-in Controller
More results

Similar Description - HDM3224NL-1_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM3224L-G HANTRONIX-HDM3224L-G_15 Datasheet
226Kb / 12P
   320 x240 MONOCHROME GRAPHICS LCD DISPLAY MODULE
HDM3224-M HANTRONIX-HDM3224-M_15 Datasheet
527Kb / 16P
   320 x240 GRAPHICS LCD DISPLAY MODULE
HDM3224-CL HANTRONIX-HDM3224-CL_15 Datasheet
656Kb / 18P
   320 x240 COLOR GRAPHICS LCD DISPLAY MODULE
HDM3224-Z HANTRONIX-HDM3224-Z_15 Datasheet
211Kb / 18P
   320 x 240 GRAPHICS LCD DISPLAY MODULE
HDM2432L-T HANTRONIX-HDM2432L-T_15 Datasheet
196Kb / 17P
   240 x 320 GRAPHICS LCD DISPLAY MODULE
HDM128GD16 HANTRONIX-HDM128GD16 Datasheet
166Kb / 9P
   160x128 GRAPHICS LCD DISPLAY MODULE
HDM64GS24-2 HANTRONIX-HDM64GS24-2_15 Datasheet
97Kb / 10P
   240x64 GRAPHICS LCD DISPLAY MODULE
HDM240200 HANTRONIX-HDM240200_15 Datasheet
181Kb / 16P
   240x200 GRAPHICS LCD DISPLAY MODULE
HDM3224-5 HANTRONIX-HDM3224-5_15 Datasheet
309Kb / 22P
   320x240 GRAPHICS LCD DISPLAY MODULE
HDM160GS16L-A HANTRONIX-HDM160GS16L-A_15 Datasheet
161Kb / 19P
   160x160 GRAPHICS LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com