Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8731-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8731-Q1
Description  LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8731-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LP8731-Q1_15 Datasheet HTML 1Page - Texas Instruments LP8731-Q1_15 Datasheet HTML 2Page - Texas Instruments LP8731-Q1_15 Datasheet HTML 3Page - Texas Instruments LP8731-Q1_15 Datasheet HTML 4Page - Texas Instruments LP8731-Q1_15 Datasheet HTML 5Page - Texas Instruments LP8731-Q1_15 Datasheet HTML 6Page - Texas Instruments LP8731-Q1_15 Datasheet HTML 7Page - Texas Instruments LP8731-Q1_15 Datasheet HTML 8Page - Texas Instruments LP8731-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
LP8731
VINLDO1
SDA
GND_L
LDO1
ENLDO1
SCL
VIN1
LDO2
SW2
FB2
VIN2
GND_SW2
ENSW1
ENSW2
VINLDO2
EN_T
ENLDO2
GND_C
AVDD
VINLDO12
0.47 2F
1 2F
1 2F
0.47 2F
2.2 2H
10 2F
10 2F
1 2F
1 2F
10 2F
GND_SW1
SW1
FB1
10 2F
2.2 2H
nPOR
VDD
100k
I/O Voltage
Domain
Advanced
Power
Controller
Core ADAS
Domain
Block
Peripheral
ADAS
Blocks
Application
System or SoC
LDO1
LDO1
Buck1
Buck2
LDO2
SCL
SDA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP8731-Q1
SNVSA28 – DECEMBER 2014
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators
with I2C Interface
1 Features
3 Description
The LP8731-Q1 is a multi-function, programmable
1
Two LDOs for Powering Internal Processor
Power Management Unit (PMU), optimized for low
Functions and I/Os
power FPGAs, microprocessors, and DSPs. This
High-Speed Serial Interface for Independent
device integrates two highly efficient 1.2-A step-down
Control of Device Functions and Settings
DC-DC converters with dynamic voltage management
(DVM), two 300-mA linear regulators, and a 400-kHz
Precision Internal Reference
I2C-compatible interface to allow a host controller
Thermal Overload Protection
access to the internal control registers of the LP8731-
Current Overload Protection
Q1. The LP8731-Q1 device additionally features
Software Programmable Regulators
programmable power-on sequencing.
External Power-On-Reset Function for Buck1 and
Device Information(1)
Buck2 (Power Good with Delay Function)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
Undervoltage Lockout (UVLO)
LP8731-Q1
DSBGA (25)
2.52 mm x 2.52 mm
LP8731-Q1 is an Automotive-Grade Product:
(1) For all available packages, see the orderable addendum at
AECQ-100 Grade-1 Qualified
the end of the datasheet.
Step-Down DC/DC Converter (2xBuck)
space
Programmable VOUT from:
space
Buck1 : 0.8875 V – 1.675 V at 1.2 A
Buck2 : 0.8875 V – 1.675 V at 1.2 A
space
Up to 96% Efficiency
Simplified Schematic
PWM Switching Frequency of 2.1 MHz
±2% Output Voltage Accuracy
Automatic Soft Start
Linear Regulators (2xLDO)
Programmable VOUT of 0.8 V to 3.3 V
±3% Output Voltage Accuracy
300-mA Output Current
30-mV (Typical) Dropout
2 Applications
Configurable Output PMU for ADAS (Advanced
Driver Assistance Systems)
FPGA, DSP Core Power
Applications Processors
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8731-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
More results

Similar Description - LP8731-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com