Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM128GS12-4 Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM128GS12-4
Description  128 X 128 Dots Graphic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM128GS12-4 Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM128GS12-4_15 Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 17
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
-0.3
7.0
V
POWER SUPPLY FOR LCD
VL
-0.3
30.0
V
INPUT VOLTAGE
VIN
-0.3
VDD+0.3 V
OPERATING TEMPERATURE
TOP
050
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
OPERATING VOLTAGE
VDD
-
4.5
5.0
5.5
V
POWER SUPPLY FOR LCD VDD-VL -
-17.8 -
V
LOGIC SUPPLY CURRENT IDD
VDD=5.0V
-
2.27 -
mA
LCD SUPPLY CURRENT
IL
VDD=5.0V
-
9.8
-
mA
EL INPUT VOLTAGE
VEL
--
100
150
Vrms
EL INPUT FREQUENCY
FEL
--
400
-
Hz
BRIGHTNESS
L
IF=500mA
152
180
-
cd/m2
DRIVE METHOD
1/128 Duty
Features
Backlight...............................................................................EL
Options................................................Gray STN / Yellow STN
Normal / Extended Temperature
Bottom / Top Viewing
Built-in Controller...........................................Samsung KS018
Features
Physical Data
Module Size.....................................75.0W x 82.7H x 9.0T mm
Viewing Area Size.......................................62.0W x 62.0H mm
Dot Pitch.....................................................0.43W x 0.43H mm
Dot Size......................................................0.40W x 0.40H mm
Weight.................................................................................60g
Dimension tolerance: +/-0.3mm
Dimensional Drawing
128 X 128 Dots Graphic
0.03
0.4
Pin Connections
PIN NO.
SYMBOL
FUNCTION
1VDD
5V
Power supply for logic
2VSS
0V
Ground
3VL
-
Operating voltage for LC
4DB0
H/L
Data bus
5DB1
H/L
6DB2
H/L
7DB3
H/L
8DB4
H/L
9DB5
H/L
10
DB6
H/L
11
DB7
H/L
12
CS1
H
Left Half Chip Select
13
CS2
H
Right Half Chip Select
14
RESET
L
Reset
15
R/W
H/L
1=Data read, 0=Data write
16
D/I
H/L
1=Data, 0=Instruction
17
E
H/H->L
Enable Signal
18
VSS
0V
Ground
19
EL
-
EL Backlight
20
EL
-
EL Backlight
Power Supply
HDM128GS12-4
A
DISPLAY 128X128 DOTS
55.01
70.0±0.3
75.0±0.5
60.0±0.3
2.5±0.3
2
2
10.87±0.3
18.0±0.3
70.0±0.3
72.5±0.3
5.0±0.5
7.495±0.5
2.5±0.3
10
20
11
1
4-Ø2.5(HOLE)
4-Ø3.5(NO PATTERN AREA)
(p2.0x9)
20-Ø0.9
20-Ø1.5
VDD
VL
VSS
L
C
M
+
+
VLCD
RH
RL
5V
20V
RH+RL = 10 ~ 20KΩ


Similar Part No. - HDM128GS12-4_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM128GS12-1 HANTRONIX-HDM128GS12-1 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic, Small Size
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
More results

Similar Description - HDM128GS12-4_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
logo
Vishay Siliconix
LCD-128G128A VISHAY-LCD-128G128A Datasheet
111Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G128B VISHAY-LCD-128G128B Datasheet
108Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG128128A ETC-WG128128A Datasheet
163Kb / 1P
   LCD MODULE GRAPHIC 128 X 128 DOTS
logo
Hantronix,Inc
HDM128GS12-1 HANTRONIX-HDM128GS12-1 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic, Small Size
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
HDM64GS12L-Y11S HANTRONIX-HDM64GS12L-Y11S Datasheet
66Kb / 2P
   128 X 64 Dots Graphic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com