Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1054CDWG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LT1054CDWG4
Description  LT1054 Switched-Capacitor Voltage Converters With Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054CDWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LT1054CDWG4 Datasheet HTML 2Page - Texas Instruments LT1054CDWG4 Datasheet HTML 3Page - Texas Instruments LT1054CDWG4 Datasheet HTML 4Page - Texas Instruments LT1054CDWG4 Datasheet HTML 5Page - Texas Instruments LT1054CDWG4 Datasheet HTML 6Page - Texas Instruments LT1054CDWG4 Datasheet HTML 7Page - Texas Instruments LT1054CDWG4 Datasheet HTML 8Page - Texas Instruments LT1054CDWG4 Datasheet HTML 9Page - Texas Instruments LT1054CDWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
2
1
0
0
5
10
15
3
4
5
IO = 0
VCC − Input Voltage − V
0.3
0.2
0.1
0
−50
−25
0
25
50
75
100
0.4
0.5
0.6
TA − Free-Air Temperature − °C
V(FB/SD)
LT1054
SLVS033G – FEBRUARY 1990 – REVISED JULY 2015
www.ti.com
6.6 Typical Characteristics
Data at high and low temperatures are applicable only within the recommended operating free-air temperature range.
Table 1. Table of Graphs
FIGURE
Shutdown threshold voltage
vs Free-air temperature
Figure 1
Supply current
vs Input voltage
Figure 2
Oscillator frequency
vs Free-air temperature
Figure 3
Supply current in shutdown
vs Input voltage
Figure 4
Average supply current
vs Output current
Figure 5
Output voltage loss
vs Input capacitance
Figure 6
Output voltage loss
vs Oscillator frequency (10 µF)
Figure 7
Output voltage loss
vs Oscillator frequency (100 µF)
Figure 8
Regulated output voltage
vs Free-air temperature
Figure 9
Reference voltage change
vs Free-air temperature
Figure 10
Voltage loss
vs Output current
Figure 17
Figure 1. Shutdown Threshold Voltage vs Free-Air
Figure 2. Supply Current vs Input Voltage
Temperature
6
Submit Documentation Feedback
Copyright © 1990–2015, Texas Instruments Incorporated
Product Folder Links: LT1054


Similar Part No. - LT1054CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054CDW TI-LT1054CDW Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CDW TI-LT1054CDW Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CDWE4 TI-LT1054CDWE4 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CDWR TI-LT1054CDWR Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CDWR TI-LT1054CDWR Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
More results

Similar Description - LT1054CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_06 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com