Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1054IP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LT1054IP
Description  LT1054 Switched-Capacitor Voltage Converters With Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054IP Datasheet(HTML) 5 Page - Texas Instruments

  LT1054IP Datasheet HTML 1Page - Texas Instruments LT1054IP Datasheet HTML 2Page - Texas Instruments LT1054IP Datasheet HTML 3Page - Texas Instruments LT1054IP Datasheet HTML 4Page - Texas Instruments LT1054IP Datasheet HTML 5Page - Texas Instruments LT1054IP Datasheet HTML 6Page - Texas Instruments LT1054IP Datasheet HTML 7Page - Texas Instruments LT1054IP Datasheet HTML 8Page - Texas Instruments LT1054IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LT1054
www.ti.com
SLVS033G – FEBRUARY 1990 – REVISED JULY 2015
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
LT1054C, LT1054I
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP(2)
MAX
VO
Regulated output voltage
VCC = 7 V, TJ = 25°C, RL = 500 Ω
(3)
25°C
−4.7
−5
−5.2
V
Input regulation
VCC = 7 V to 12 V, RL = 500 Ω
(3)
Full range
5
25
mV
Output regulation
VCC = 7 V, RL = 100 Ω to 500 Ω
(3)
Full range
10
50
mV
IO = 10 mA
0.35
0.55
Voltage loss,
CI = CO = 100-μF tantalum
Full range
V
VCC − |VO|
(4)
IO = 100 mA
1.1
1.6
Output resistance
ΔIO = 10 mA to 100 mA
See (5)
Full range
10
15
Ω
Oscillator frequency
VCC = 3.5 V to 15 V
Full range
15
25
35
kHz
25°C
2.35
2.5
2.65
Vref
Reference voltage
I(REF) = 60 μA
V
Full range
2.25
2.75
Maximum switch current
25°C
300
4
mA
VCC = 3.5 V
2.5
5
ICC
Supply current
IO = 0
Full range
mA
VCC = 15 V
3
200
Supply current in
V(FB/SD) = 0 V
Full range
100
μA
shutdown
(1)
Full range is 0°C to 70°C for the LT1054C and
−40°C to 85°C for the LT1054I.
(2)
All typical values are at TA = 25°C.
(3)
All regulation specifications are for a device connected as a positive-to-negative converter/regulator with R1 = 20 k
Ω, R2 = 102.5 kΩ,
external capacitor CIN = 10 μF (tantalum), external capacitor COUT = 100 μF (tantalum) and C1 = 0.002 μF (see ).
(4)
For voltage-loss tests, the device is connected as a voltage inverter, with terminals 1, 6, and 7 unconnected. The voltage losses may be
higher in other configurations. CIN and COUT are external capacitors.
(5)
Output resistance is defined as the slope of the curve (
ΔVO versus ΔIO) for output currents of 10 mA to 100 mA. This represents the
linear portion of the curve. The incremental slope of the curve is higher at currents less than 10 mA due to the characteristics of the
switch transistors.
Copyright © 1990–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LT1054


Similar Part No. - LT1054IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054IP TI-LT1054IP Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IP TI-LT1054IP Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IPE4 TI-LT1054IPE4 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
More results

Similar Description - LT1054IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_06 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com