Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1054IP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LT1054IP
Description  LT1054 Switched-Capacitor Voltage Converters With Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054IP Datasheet(HTML) 3 Page - Texas Instruments

  LT1054IP Datasheet HTML 1Page - Texas Instruments LT1054IP Datasheet HTML 2Page - Texas Instruments LT1054IP Datasheet HTML 3Page - Texas Instruments LT1054IP Datasheet HTML 4Page - Texas Instruments LT1054IP Datasheet HTML 5Page - Texas Instruments LT1054IP Datasheet HTML 6Page - Texas Instruments LT1054IP Datasheet HTML 7Page - Texas Instruments LT1054IP Datasheet HTML 8Page - Texas Instruments LT1054IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
FB/SD
CAP+
GND
CAP−
NC
NC
NC
NC
VCC
OSC
VREF
VOUT
NC
NC
NC − No internal connection
1
2
3
4
8
7
6
5
FB/SD
CAP+
GND
CAP−
VCC
OSC
VREF
VOUT
LT1054
www.ti.com
SLVS033G – FEBRUARY 1990 – REVISED JULY 2015
5 Pin Configuration and Functions
P Package
8-Pin PDIP
Top View
DW Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
PDIP
SOIC
FB/SD
1
3
Input
Shutdown for low Iq operation or error amp input for regulation
CAP+
2
4
Input
Positive side of CIN
GND
3
5
Ground
CAP-
4
6
Input
Negative side of CIN
VOUT
5
11
Output
Regulated output voltage
VREF
6
12
Output
Internal Reference Voltage
OSC
7
13
Input
Oscillator control pin
VCC
8
14
Supply pin
1, 2, 7, 8, 9,
NC
No connect (no internal connection)
10, 15, 16
Copyright © 1990–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LT1054


Similar Part No. - LT1054IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054IP TI-LT1054IP Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IP TI-LT1054IP Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IPE4 TI-LT1054IPE4 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
More results

Similar Description - LT1054IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_06 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com