Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL497ACNE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL497ACNE4
Description  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497ACNE4 Datasheet(HTML) 3 Page - Texas Instruments

  TL497ACNE4 Datasheet HTML 1Page - Texas Instruments TL497ACNE4 Datasheet HTML 2Page - Texas Instruments TL497ACNE4 Datasheet HTML 3Page - Texas Instruments TL497ACNE4 Datasheet HTML 4Page - Texas Instruments TL497ACNE4 Datasheet HTML 5Page - Texas Instruments TL497ACNE4 Datasheet HTML 6Page - Texas Instruments TL497ACNE4 Datasheet HTML 7Page - Texas Instruments TL497ACNE4 Datasheet HTML 8Page - Texas Instruments TL497ACNE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI(COMP INPUT)
5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI(INHIBIT)
5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode reverse voltage
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power switch current
750 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode forward current
750 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
101
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
†Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except diode voltages, are with respect to network ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
4.5
12
V
High-level input voltage, VIH
INHIBIT pin
2.5
V
Low-level input voltage, VIL
INHIBIT pin
0.8
V
Step-up configuration (see Figure 1)
VI + 2
30
Output voltage
Step-down configuration (see Figure 2)
Vref
VI − 1
V
Output voltage
Inverting regulator (see Figure 3)
−Vref
−25
V
Power switch current
500
mA
Diode forward current
500
mA
Operating free-air temperature range, TA
TL497AC
0
70
°C
Operating free-air temperature range, TA
TL497AI
−40
85
°C


Similar Part No. - TL497ACNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497ACNE4 TI-TL497ACNE4 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com