Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL497ACNSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL497ACNSR
Description  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497ACNSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL497ACNSR Datasheet HTML 4Page - Texas Instruments TL497ACNSR Datasheet HTML 5Page - Texas Instruments TL497ACNSR Datasheet HTML 6Page - Texas Instruments TL497ACNSR Datasheet HTML 7Page - Texas Instruments TL497ACNSR Datasheet HTML 8Page - Texas Instruments TL497ACNSR Datasheet HTML 9Page - Texas Instruments TL497ACNSR Datasheet HTML 10Page - Texas Instruments TL497ACNSR Datasheet HTML 11Page - Texas Instruments TL497ACNSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
3-Term
Reg < 12 V
Switching
Circuit
Control
14
13
TL497A
5
VO
VI
VI
VO
R2
1 k
R1
Q2
10 mA
RCL
Vreg
14
13
5
TL497A
CURRENT LIMIT FOR EXTENDED INPUT CONFIGURATION
Q1
R
CL +
V
BE(Q1)
I
limit (PK)
R1
)
V
I
I
B(Q2)
R2
+ Vreg * 1 10 kW
Control
DESIGN EQUATIONS
Switching
Circuit
EXTENDED INPUT CONFIGURATION WITHOUT CURRENT LIMIT
3-Term
Reg < 12 V
Figure 4. Extended Input Voltage Range (VI > 12 V)


Similar Part No. - TL497ACNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497ACNSR TI-TL497ACNSR Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497ACNSRE4 TI-TL497ACNSRE4 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com