Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL497AID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL497AID
Description  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497AID Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL497AID Datasheet HTML 3Page - Texas Instruments TL497AID Datasheet HTML 4Page - Texas Instruments TL497AID Datasheet HTML 5Page - Texas Instruments TL497AID Datasheet HTML 6Page - Texas Instruments TL497AID Datasheet HTML 7Page - Texas Instruments TL497AID Datasheet HTML 8Page - Texas Instruments TL497AID Datasheet HTML 9Page - Texas Instruments TL497AID Datasheet HTML 10Page - Texas Instruments TL497AID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VI
VI
RCL
14 13
10
8
TL497A
12
3
4
5
CT
R1
R2 = 1.2 k
CO
RCL
14
13
10
8
R1
CT
L
VO
L
VO
12
3
4
5
DESIGN EQUATIONS
I
(PK) +
2I
O
max 1
)
V
O
V
I
L(
mH) +
V
I
I
(PK)
ton(ms)
C
T
(pF)
[ 12 ton(ms)
R1
+
V
O
–1.2 V k
W
Choose L (50 to 500
µH), calculate
ton (10 to 150 µs)
R
CL +
0.5 V
I
(PK)
C
O
(
mF) [ ton(ms)
V
I
V
O
I
(PK) )
I
O
V
ripple
(PK)
EXTENDED POWER CONFIGURATION
(using external transistor)
R2 = 1.2 k
TL497A
CO
BASIC CONFIGURATION
(Peak Switching Current = I(PK) < 500 mA)
† Use external catch diode, e.g., 1N4001, when building an inverting supply with the TL497A.
Figure 3. Inverting Applications


Similar Part No. - TL497AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497AID TI-TL497AID Datasheet
137Kb / 9P
[Old version datasheet]   SWITCHING VOLTAGE REGULATORS
TL497AID TI-TL497AID Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497AIDE4 TI-TL497AIDE4 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497AIDR TI-TL497AIDR Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497AIDRE4 TI-TL497AIDRE4 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com