Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL497AIN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL497AIN
Description  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497AIN Datasheet(HTML) 1 Page - Texas Instruments

  TL497AIN Datasheet HTML 1Page - Texas Instruments TL497AIN Datasheet HTML 2Page - Texas Instruments TL497AIN Datasheet HTML 3Page - Texas Instruments TL497AIN Datasheet HTML 4Page - Texas Instruments TL497AIN Datasheet HTML 5Page - Texas Instruments TL497AIN Datasheet HTML 6Page - Texas Instruments TL497AIN Datasheet HTML 7Page - Texas Instruments TL497AIN Datasheet HTML 8Page - Texas Instruments TL497AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High Efficiency... 60% or Greater
D Peak Switch Current . . . 500 mA
D Input Current Limit Protection
D TTL-Compatible Inhibit
D Adjustable Output Voltage
D Input Regulation . . . 0.2% Typ
D Output Regulation . . . 0.4% Typ
D Soft Start-Up Capability
D Can be Used in Buck, Boost, and
Inverting Configurations
description/ordering information
The TL497A incorporates all the active functions required in the construction of switching voltage regulators.
It also can be used as the control element to drive external components for high-power-output applications. The
TL497A was designed for ease of use in step-up, step-down, or voltage-inversion applications requiring high
efficiency.
The TL497A is a fixed-on-time variable-frequency switching-voltage-regulator control circuit. The switch-on
time is programmed by a single external capacitor connected between FREQ CONTROL and GND. This
capacitor, CT, is charged by an internal constant-current generator to a predetermined threshold. The charging
current and the threshold vary proportionally with VCC. Thus, the switch-on time remains constant over the
specified range of input voltage (4.5 V to 12 V). Typical on times for various values of CT are as follows:
TIMING CAPACITOR, CT (pF)
200
250
350
400
500
750
1000
1500
2000
ON TIME (
µs)
19
22
26
32
44
56
80
120
180
The output voltage is controlled by an external resistor ladder network (R1 and R2 in Figures 1, 2, and 3) that
provides a feedback voltage to the comparator input. This feedback voltage is compared to the reference
voltage of 1.2 V (relative to SUBSTRATE) by the high-gain comparator. When the output voltage decays below
the value required to maintain 1.2 V at the comparator input, the comparator enables the oscillator circuit, which
charges and discharges CT as described above. The internal pass transistor is driven on during the charging
of CT. The internal transistor can be used directly for switching currents up to 500 mA. Its collector and emitter
are uncommitted, and it is current driven to allow operation from the positive supply voltage or ground. An
internal Schottky diode matched to the current characteristics of the internal transistor also is available for
blocking or commutating purposes. The TL497A also has on-chip current-limit circuitry that senses the peak
currents in the switching regulator and protects the inductor against saturation and the pass transistor against
overstress. The current limit is adjustable and is programmed by a single sense resistor, RCL, connected
between VCC and CUR LIM SENS. The current-limit circuitry is activated when 0.7 V is developed across RCL.
External gating is provided by the INHIBIT input. When the INHIBIT input is high, the output is turned off.
Simplicity of design is a primary feature of the TL497A. With only six external components (three resistors, two
capacitors, and one inductor), the TL497A operates in numerous voltage-conversion applications (step-up,
step-down, invert) with as much as 85% of the source power delivered to the load. The TL497A replaces the
TL497 in all applications.
The TL497AC is characterized for operation from 0
°C to 70°C. The TL497AI is characterized for operation from
−40
°C to 85°C.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COMP INPUT
INHIBIT
FREQ CONTROL
SUBSTRATE
GND
CATHODE
ANODE
VCC
CUR LIM SENS
BASE DRIVE
BASE
COL OUT
NC
EMIT OUT
(TOP VIEW)
D, N, OR PW PACKAGE
NC − No internal connection
† BASE (11) and BASE DRIVE (12) are used for device testing
only. They normally are not used in circuit applications of the
device.


Similar Part No. - TL497AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497AIN TI-TL497AIN Datasheet
137Kb / 9P
[Old version datasheet]   SWITCHING VOLTAGE REGULATORS
TL497AIN TI-TL497AIN Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497AINE4 TI-TL497AINE4 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com